Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29WS128N0SBAI012 Datasheet(PDF) 1 Page - SPANSION

Part # S29WS128N0SBAI012
Description  256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29WS128N0SBAI012 Datasheet(HTML) 1 Page - SPANSION

  S29WS128N0SBAI012 Datasheet HTML 1Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 2Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 3Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 4Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 5Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 6Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 7Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 8Page - SPANSION S29WS128N0SBAI012 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
Publication Number S29WSxxxN_00
Revision F Amendment 0 Issue Date October 29, 2004
General Description
The Spansion S29WS256/128/064N are MirrorbitTM Flash products fabricated on 110 nm process technology. These burst
mode Flash devices are capable of performing simultaneous read and write operations with zero latency on two separate
banks using separate data and address pins. They operate up to 80 MHz and use a single VCC of 1.7–1.95 volts that
makes them ideal for today’s demanding wireless applications requiring higher density, better performance and lowered
power consumption.
Distinctive Characteristics
Single 1.8 V read/program/erase (1.70–1.95 V)
110 nm MirrorBit™ Technology
Simultaneous Read/Write operation with zero
latency
32-word Write Buffer
Sixteen-bank architecture consisting of 16/8/4
Mbit for WS256N/128N/064N, respectively
Four 16 Kword sectors at both top and bottom of
memory array
254/126/62 64 Kword sectors (WS256N/128N/
064N)
Programmable burst read modes
— Linear for 32, 16 or 8 words linear read with or
without wrap-around
— Continuous sequential read mode
SecSi™ (Secured Silicon) Sector region consisting
of 128 words each for factory and customer
20-year data retention (typical)
Cycling Endurance: 100,000 cycles per sector
(typical)
RDY output indicates data available to system
Command set compatible with JEDEC standards
Hardware (WP#) protection of top and bottom
sectors
Dual boot sector configuration (top and bottom)
Offered Packages
— WS064N: 80-ball FBGA (7 mm x 9 mm)
— WS256N/128N: 84-ball FBGA (8 mm x 11.6 mm)
Low VCC write inhibit
Persistent and Password methods of Advanced
Sector Protection
Write operation status bits indicate program and
erase operation completion
Suspend and Resume commands for Program and
Erase operations
Unlock Bypass program command to reduce
programming time
Synchronous or Asynchronous program operation,
independent of burst control register settings
ACC input pin to reduce factory programming time
Support for Common Flash Interface (CFI)
Industrial Temperature range (contact factory)
Performance Characteristics
S29WSxxxN MirrorBit™ Flash Family
S29WS256N, S29WS128N, S29WS064N
256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only
Simultaneous Read/Write, Burst Mode Flash Memory
Data Sheet
PRELIMINARY
Read Access Times
Speed Option (MHz)
806654
Max. Synch. Latency, ns (tIACC)
696969
Max. Synch. Burst Access, ns (tBACC)
9
11.2
13.5
Max. Asynch. Access Time, ns (tACC)
707070
Max CE# Access Time, ns (tCE)
707070
Max OE# Access Time, ns (tOE)
11.2
11.2
13.5
Current Consumption (typical values)
Continuous Burst Read @ 66 MHz
35 mA
Simultaneous Operation (asynchronous)
50 mA
Program (asynchronous)
19 mA
Erase (asynchronous)
19 mA
Standby Mode (asynchronous)
20 µA
Typical Program & Erase Times
Single Word Programming
40 µs
Effective Write Buffer Programming (VCC) Per Word
9.4 µs
Effective Write Buffer Programming (VACC) Per Word
6 µs
Sector Erase (16 Kword Sector)
150 ms
Sector Erase (64 Kword Sector)
600 ms


Similar Part No. - S29WS128N0SBAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128N0SBAI012 SPANSION-S29WS128N0SBAI012 Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results

Similar Description - S29WS128N0SBAI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS128H AMD-AM29BDS128H Datasheet
1Mb / 89P
   128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com