Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8840 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8840
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8840 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8840 Datasheet HTML 1Page - Maxim Integrated Products MAX8840 Datasheet HTML 2Page - Maxim Integrated Products MAX8840 Datasheet HTML 3Page - Maxim Integrated Products MAX8840 Datasheet HTML 4Page - Maxim Integrated Products MAX8840 Datasheet HTML 5Page - Maxim Integrated Products MAX8840 Datasheet HTML 6Page - Maxim Integrated Products MAX8840 Datasheet HTML 7Page - Maxim Integrated Products MAX8840 Datasheet HTML 8Page - Maxim Integrated Products MAX8840 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ultra-Low-Noise, High PSRR, Low-Dropout,
150mA Linear Regulators in µDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 0.5V, TA = -40°C to +85°C, unless otherwise noted. CIN = 1µF, COUT = 1µF, CBP = 10nF. Typical values are at +25°C;
the MAX8842 is tested with 2.45V output, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND .................................................................-0.3V to +7V
Output Short-Circuit Duration ............................................Infinite
OUT, SHDN to GND ......................................-0.3V to (IN + 0.3V)
FB, BP, N.C. to GND..................................-0.3V to (OUT + 0.3V)
Continuous Power Dissipation (TA = +70°C)
6-Pin µDFN (derate 2.1mW/°C above +70°C) .............0.168W
θJA..................................................................................477°C/W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
26
V
IOUT = 1mA, TA = +25°C
-1
+1
IOUT = 100µA to 80mA, TA = +25°C
-2
+2
Output Voltage Accuracy
IOUT = 100µA to 80mA
-3
+3
%
Maximum Output Current
IOUT
150
mA
Current Limit
ILIM
OUT = 90% of nominal value
150
200
300
mA
VOUT
≥ 3V, IOUT = 80mA
80
170
VOUT
≥ 3V, IOUT = 120mA
120
2.5V
≤ VOUT < 3V, IOUT = 80mA
90
200
2.5V
≤ VOUT < 3V, IOUT = 120mA
135
2V
≤ VOUT < 2.5V, IOUT = 80mA
120
250
Dropout Voltage (Note 2)
2V
≤ VOUT < 2.5V, IOUT = 120mA
180
mV
IOUT = 0.05mA
40
90
Ground Current
IQ
VIN = VOUT(nom) - 0.1V, IOUT = 0mA
220
500
µA
Line Regulation
VLNR
VIN = (VOUT + 0.5V) to 6V, IOUT = 0.1mA
0.001
%/V
Load Regulation
VLDR
IOUT = 1mA to 80mA
0.003
%/mA
TA = +25°C
0.003
1
Shutdown Supply Current
ISHDN
SHDN = 0V
TA = +85°C
0.05
µA
MAX8840
78
f = 1kHz, IOUT = 10mA
MAX8841/MAX8842
72
MAX8840
75
f = 10kHz, IOUT = 10mA
MAX8841/MAX8842
65
MAX8840
54
Ripple Rejection
PSRR
f = 100kHz, IOUT = 10mA
MAX8841/ MAX8842
46
dB


Similar Part No. - MAX8840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8840ELT16+T MAXIM-MAX8840ELT16+T Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840ELT16T MAXIM-MAX8840ELT16T Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840ELT18+T MAXIM-MAX8840ELT18+T Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840ELT18T MAXIM-MAX8840ELT18T Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840ELT19+T MAXIM-MAX8840ELT19+T Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
More results

Similar Description - MAX8840

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
logo
ams AG
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8510 MAXIM-MAX8510_06 Datasheet
403Kb / 11P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 3; 5/06
MAX8510EXK18-T MAXIM-MAX8510EXK18-T Datasheet
449Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulators
Rev 4; 8/11
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com