Electronic Components Datasheet Search |
|
MAX8840 Datasheet(PDF) 7 Page - Maxim Integrated Products |
|
MAX8840 Datasheet(HTML) 7 Page - Maxim Integrated Products |
7 / 10 page Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in µDFN _______________________________________________________________________________________ 7 For design purposes, consider the current limit to be 150mA (min) to 300mA (max). The output can be shorted to ground for an indefinite amount of time without dam- aging the part. Thermal-Overload Protection Thermal-overload protection limits total power dissipation in the MAX8840/MAX8841/MAX8842. When the junction temperature exceeds TJ = +160°C, the thermal sensor signals the shutdown logic, turning off the pass transistor and allowing the IC to cool down. The thermal sensor turns the pass transistor on again after the IC’s junction temperature drops by 10°C, resulting in a pulsed output during continuous thermal-overload conditions. Thermal-overload protection is designed to protect the MAX8840/MAX8841/MAX8842 in the event of a fault condition. For continual operation, do not exceed the absolute maximum junction temperature rating of TJ = +150°C. Operating Region and Power Dissipation The MAX8840/MAX8841/MAX8842 maximum power dissipation depends on the thermal resistance of the case and circuit board, the temperature difference between the die junction and ambient, and the rate of airflow. The power dissipation across the device is: P = IOUT (VIN - VOUT) The maximum power dissipation is: PMAX = (TJ - TA) / ( θJC + θCA) where TJ - TA is the temperature difference between the MAX8840/MAX8841/MAX8842 die junction and the surrounding air, θJC is the thermal resistance of the package, and θCA is the thermal resistance through the PC board, copper traces, and other materials to the surrounding air. The GND pin of the MAX8840/MAX8841/MAX8842 per- forms the dual function of providing an electrical con- nection to ground and channeling heat away. Connect the GND pin to ground using a large pad or ground plane. Noise Reduction For the MAX8840, an external 0.01µF bypass capacitor between BP and OUT with an innovative noise bypass scheme reduces output noises dramatically, exhibiting 11µVRMS of output voltage noise with CBP = 0.01µF and COUT = 1µF. Startup time is minimized by a power- on circuit that precharges the bypass capacitor. Applications Information Capacitor Selection and Regulator Stability Use a 1µF capacitor on the MAX8840/MAX8841/ MAX8842 input and a 1µF capacitor on the output. Larger input capacitor values and lower ESRs provide better noise rejection and line-transient response. Reduce output noise and improve load-transient response, stability, and power-supply rejection by using large output capacitors. Note that some ceramic dielectrics exhibit large capacitance and ESR variation with temperature. With dielectrics such as Z5U and Y5V, it may be necessary to use a 2.2µF or larger output capacitor to ensure stability at temperatures below -10°C. With X7R or X5R dielectrics, 1µF is sufficient at all operating temperatures. A graph of the Region of Stable COUT ESR vs. Load Current is shown in the Typical Operating Characteristics. Use a 0.01µF bypass capacitor at BP (MAX8840) for low-output voltage noise. The leakage current going into the BP pin should be less than 10nA. Increasing the capacitance slightly decreases the output noise. Values above 0.1µF and below 0.001µF are not recommended. Noise, PSRR, and Transient Response The MAX8840/MAX8841/MAX8842 are designed to deliver ultra-low noise and high PSRR, as well as low dropout and low quiescent currents in battery-powered systems. The MAX8840 power-supply rejection is 78dB at 1kHz and 54dB at 100kHz. The MAX8841/MAX8842 PSRR is 72dB at 1kHz and 46dB at 100kHz (see the Power-Supply Rejection Ratio vs. Frequency graph in the Typical Operating Characteristics). When operating from sources other than batteries, improved supply-noise rejection and transient response can be achieved by increasing the values of the input and output bypass capacitors, and through passive fil- tering techniques. The Typical Operating Characteristics show the MAX8840/MAX8841/MAX8842 line- and load- transient responses. Dropout Voltage A regulator’s minimum dropout voltage determines the lowest usable supply voltage. In battery-powered sys- tems, this determines the useful end-of-life battery volt- age. Because the MAX8840/MAX8841/MAX8842 use a p-channel MOSFET pass transistor, their dropout voltage is a function of drain-to-source on-resistance (RDS(ON)) multiplied by the load current (see the Typical Ope- rating Characteristics). |
Similar Part No. - MAX8840 |
|
Similar Description - MAX8840 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |