Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRS2166DSPBF Datasheet(PDF) 2 Page - International Rectifier

Part No. IRS2166DSPBF
Description  PFC BALLAST CONTROL IC
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRS2166DSPBF Datasheet(HTML) 2 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
IRS2166D(S)PbF
www.irf.com
Page 2
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM, all currents are defined positive into any lead. The thermal
resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply voltage
-0.3
625
VS
High-side floating supply offset voltage
VB – 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VLO
Low-side output voltage
-0.3
VCC + 0.3
VPFC
PFC gate driver output voltage
-0.3
VCC + 0.3
V
IO,MAX
Maximum allowable output current (HO, LO, PFC) due to external
power transistor miller effect
-500
500
mA
VBUS
VBUS pin voltage
-0.3
VCC + 0.3
VCPH
CPH pin voltage
-0.3
VCC + 0.3
VRT
RT pin voltage
-0.3
VCC + 0.3
VRPH
RPH pin voltage
-0.3
VCC + 0.3
V
IRT
RT pin current
-5
5
IRPH
RPH pin current
-5
5
mA
VCT
CT pin voltage
-0.3
VCC + 0.3
V
ICOMP
COM pin current
-5
5
IZX
ZX pin current
-5
5
ICC
VCC pin current (see Note 1)
-25
25
mA
VSD/EOL
SD/EOL pin voltage
-0.3
VCC + 0.3
V
ISD/EOL
SD/EOL pin current
-5
5
mA
VCS
CS pin voltage
-0.3
VCC + 0.3
V
ICS
CS pin current
-5
5
mA
dV/dt
Allowable VS offset voltage slew rate
-50
50
V/ns
(16-Pin DIP)
---
1.8
PD
Package power dissipation @ TA ≤ +25 ºC
PD = (TJMAX-TA)/RθJA
(16-Pin SOIC)
---
1.4
W
(16-Pin DIP)
---
70
RΘJA
Thermal resistance, junction to ambient
(16-Pin SOIC)
---
82
ºC/W
TJ
Junction temperature
-55
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
---
300
ºC
Note 1: This IC contains a zener clamp structure between the chip VCC and COM which has a nominal breakdown
voltage of 15.6 V. This supply pin should not be driven by a DC, low impedance power source greater than the VCLAMP
specified in the electrical characteristics section.
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
VB-VS
High side floating supply voltage
VBSUV+
VCLAMP
VS
Steady state high-side floating supply offset voltage
-1
600
VCC
Supply voltage
VCCUV+
VCLAMP
V
ICC
VCC supply current (see Note 2)
Note 2
20
mA
CT
CT pin capacitance
220
---
pF
ISD/EOL
SD/EOL pin current
ICS
CS pin current
IZX
ZX pin current
-1
1
mA
TJ
Junction temperature
-25
125
ºC
Note 2: Enough current should be supplied into the VCC pin to keep the internal 15.6 V zener clamp diode on this pin
regulating its voltage, VCLAMP.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRS2168DPBFADVANCED PFC + BALLAST CONTROL IC 1 2 3 4 5 MoreInternational Rectifier
KA7531BALLAST CONTROL IC 1 2 3 4 5 MoreSamsung semiconductor
IR2159DIMMING BALLAST CONTROL IC 1 2 3 4 5 MoreInternational Rectifier
FAN7711Ballast Control IC 1 2 3 4 5 MoreFairchild Semiconductor
IXFE44N50QD2Buck & Boost Configurations for PFC & Motor Control Circuits 1 2 IXYS Corporation
LS7231-7234TOUCH CONTROL LAMP DIMMER 1 2 3 4 5 MoreLSI Computer Systems
TDA3507Video control combination circuit with automatic cut-off control 1 2 3 4 5 MoreNXP Semiconductors
TPA5050STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL 1 2 3 4 5 MoreTexas Instruments
PR36MF22NSZ8-Pin DIP Type SSR for Low Power Control 1 2 3 Sharp Electrionic Components
MAS9116Stereo Digital Volume Control 1 2 3 4 5 MoreMicro Analog systems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn