Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS016J0PBJW00 Datasheet(PDF) 4 Page - SPANSION

Part # S29NS016J0PBJW00
Description  110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS016J0PBJW00 Datasheet(HTML) 4 Page - SPANSION

  S29NS016J0PBJW00 Datasheet HTML 1Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 2Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 3Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 4Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 5Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 6Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 7Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 8Page - SPANSION S29NS016J0PBJW00 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
iv
S29NS-J
S29NS-J_01_A10 March 22, 2006
Data
Sheet
11 mm Package ................................................................................................ 69
S29NS064J ............................................................................................................ 70
VDD044—44-Ball Very Thin Fine-Pitch Ball Grid Array (FBGA) 9.2 x
8 mm Package ................................................................................................. 70
S29NS032J and S29NS016J .................................................................................71
VDE044—44-Ball Very Thin Fine-Pitch Ball Grid Array (FBGA) 7.7 x
6.2 mm Package ................................................................................................71
Table 22. Daisy Chain Part for 128Mbit 110 nm Flash Products
(VDC048, 10 x 11 mm) ...................................................... 72
Table 23. VDC048 Package Information ................................ 72
Table 24. VDC048 Connections ........................................... 72
Figure 25. VDC048 Daisy Chain Layout
(Top View, Balls Facing Down) ............................................. 73
Appendix B: Daisy Chain Information . . . . . . . . .74
Table 25. Daisy Chain Part for 64Mbit 110 nm Flash Products
(VDD044, 9.2 x 8 mm) ....................................................... 74
Table 26. VDD044 Package Information ................................ 74
Table 27. VDD044 Connections ............................................ 74
Figure 26. VDD044 Daisy Chain Layout
(Top View, Balls Facing Down) ............................................ 75
Appendix C: Daisy Chain Information . . . . . . . . . 76
Table 28. Daisy Chain Part for 32 and 16 Mbit 110 nm Flash Prod-
ucts (VDE044, 7.7 x 6.2 mm) .............................................. 76
Table 29. VDE044 Package Information ................................ 76
Table 30. VDE044 Connections ............................................ 76
Figure 27. VDE044 Daisy Chain Layout
(Top View, Balls Facing Down) ............................................ 77
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . . 78


Similar Part No. - S29NS016J0PBJW00

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS016J0LBAW000 SPANSION-S29NS016J0LBAW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBAW002 SPANSION-S29NS016J0LBAW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBAW003 SPANSION-S29NS016J0LBAW003 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBFW000 SPANSION-S29NS016J0LBFW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBFW002 SPANSION-S29NS016J0LBFW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
More results

Similar Description - S29NS016J0PBJW00

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com