Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ510 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSQ510
Description  Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ510 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSQ510 Datasheet HTML 1Page - Fairchild Semiconductor FSQ510 Datasheet HTML 2Page - Fairchild Semiconductor FSQ510 Datasheet HTML 3Page - Fairchild Semiconductor FSQ510 Datasheet HTML 4Page - Fairchild Semiconductor FSQ510 Datasheet HTML 5Page - Fairchild Semiconductor FSQ510 Datasheet HTML 6Page - Fairchild Semiconductor FSQ510 Datasheet HTML 7Page - Fairchild Semiconductor FSQ510 Datasheet HTML 8Page - Fairchild Semiconductor FSQ510 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2006
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSCQ510, FSCQ510H Rev. 0.0.3
PRELIMINARY DATASHEET
FSQ510, FSQ510H — Green Mode Fairchild Power
Switch (FPS
TM) for Quasi-Resonant Converter
– Low EMI and High Efficiency
Features
Uses a DMOS Integrated Power Switch
Optimized for Quasi-Resonant Converter (QRC)
Low EMI through Variable Frequency Control and
Inherent Frequency Modulation
High Efficiency through Minimum Voltage Switching
Extended Quasi-Resonant Switching for Wide Load
Ranges
Small Frequency Variation for Wide Load Ranges
Advanced Burst-Mode Operation for Low Standby
Power Consumption
Pulse-by-Pulse Current Limit
Various Protection Functions: Overload Protection
(OLP), Abnormal Over-Current Protection (AOCP),
Internal Thermal Shutdown (TSD) with Hysteresis
Under-Voltage Lockout (UVLO) with Hysteresis
Internal Start-up Circuit
Internal High-Voltage SenseFET (700V)
Built-in Soft Start (5ms)
Applications
Cell Phone Chargers
Auxiliary Power Supplies for PC and White Goods
Description
A Quasi-Resonant Converter (QRC) generally shows
lower EMI and higher power conversion efficiency than a
conventional hard-switched converter with a fixed
switching frequency. The FSQ510(H) is an integrated
Pulse-Width
Modulation
(PWM)
controller
and
SenseFET specifically designed for quasi-resonant off-
line Switch Mode Power Supplies (SMPS) with minimal
external components. The PWM controller includes an
integrated fixed-frequency oscillator, Under-Voltage
Lockout (UVLO), Leading Edge Blanking (LEB),
optimized gate driver, internal soft start, temperature-
compensated
precise
current
sources
for
loop
compensation, and self-protection circuitry. Compared
with discrete MOSFET and PWM controller solution, the
FSQ510(H) can reduce total cost, component count,
size and weight; while simultaneously increasing
efficiency, productivity, and system reliability. This
device provides a basic platform that is well suited for
cost-effective designs of quasi-resonant switching
flyback converters.
Ordering Information
Maximum Output Power
(1)
230VAC ± 15%
(2)
85-265VAC
Part
Number
Package
Pb-
Free
Operating
Temperature
Range
Current
Limit
RDS(ON)
(MAX)
Adapter
(3)
Open
Frame
(4)
Adapter
(3)
Open
Frame
(4)
Replaces
Devices
FSQ510
7-DIP
Yes -25℃ to +85℃ 320mA
32
Ω
5W
7W
4W
5W
FSD210B
FSQ510H 8-DIPH
Yes -25℃ to +85℃ 320mA
32
Ω
5W
7W
4W
5W
FSD210HD
Notes:
1.
The junction temperature can limit the maximum output power.
2.
230VAC or 100/115VAC with doubler.
3.
Typical continuous power in a non-ventilated enclosed adapter measured at 50
°C ambient.
4.
Maximum practical continuous power in an open-frame design at 50
°C ambient temperature.


Similar Part No. - FSQ510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510 FAIRCHILD-FSQ510 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
FSQ510 FAIRCHILD-FSQ510 Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510H FAIRCHILD-FSQ510H Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510H FAIRCHILD-FSQ510H Datasheet
730Kb / 15P
   Green Mode Fairchild Power Switch
More results

Similar Description - FSQ510

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
FSCQ1565RP FAIRCHILD-FSCQ1565RP Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com