Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29PL256N80GAIW00 Datasheet(PDF) 3 Page - SPANSION

Part # S29PL256N80GAIW00
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL256N80GAIW00 Datasheet(HTML) 3 Page - SPANSION

  S29PL256N80GAIW00 Datasheet HTML 1Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 2Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 3Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 4Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 5Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 6Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 7Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 8Page - SPANSION S29PL256N80GAIW00 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
Publication Number S29PL-N_00 Revision A Amendment 4 Issue Date November 23, 2005
General Description
The Spansion S29PL-N is the latest generation 3.0-Volt page mode read family fabricated using the 110 nm MirrorbitTM
Flash process technology. These 8-word page-mode Flash devices are capable of performing simultaneous read and write
operations with zero latency on two separate banks. These devices offer fast page access times of 25 to 30 ns, with
corresponding random access times of 65 ns, 70 ns, and 80 ns respectively, allowing high speed microprocessors to op-
erate without wait states. The S29PL129N device offers the additional feature of dual chip enable inputs (CE1# and
CE2#) that allow each half of the memory space to be controlled separately.
Distinctive Characteristics
Architectural Advantages
32-Word Write Buffer
Dual Chip Enable Inputs (only for S29PL129N)
— Two CE# inputs control selection of each half of the
memory space
Single Power Supply Operation
— Full Voltage range of 2.7 – 3.6 V read, erase, and
program operations for battery-powered applications
— Voltage range of 2.7 – 3.1 V valid for PL-N MCP
products
Simultaneous Read/Write Operation
— Data can be continuously read from one bank while
executing erase/program functions in another bank
— Zero latency switching from write to read operations
4-Bank Sector Architecture with Top and Bottom
Boot Blocks
256-Word Secured Silicon Sector Region
— Up to 128 factory-locked words
— Up to 128 customer-lockable words
Manufactured on 0.11 µm Process Technology
Data Retention of 20 years Typical
Cycling Endurance of 100,000 Cycles per Sector
Typical
Hardware Features
WP#/ACC (Write Protect/Acceleration) Input
—At VIL, hardware level protection for the first and last
two 32 Kword sectors.
—At VIH, allows the use of DYB/PPB sector protection
—At VHH, provides accelerated programming in a
factory setting
Dual Boot and No Boot Options
Low VCC Write Inhibit
Security Features
Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors to prevent
program or erase operations within that sector
— Sectors can be locked and unlocked in-system at VCC
level
Password Sector Protection
— A sophisticated sector protection method locks
combinations of individual sectors to prevent program
or erase operations within that sector using a user
defined 64-bit password
Performance Characteristics
Note: : Typical program and erase times assume the following
conditions: 25°C, 3.0 V VCC, 10,000 cycles; checkerboard data pattern.
S29PL-N MirrorBit™ Flash Family
S29PL256N, S29PL127N, S29PL129N,
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only
Simultaneous Read/Write, Page-Mode Flash Memory
Data Sheet
PRELIMINARY
Read Access Times (@ 30 pF, Industrial Temp.)
Random Access Time, ns (tACC)65
70
80
Page Access Time, ns (tPACC)25
30
30
Max CE# Access Time, ns (tCE)65
70
80
Max OE# Access Time, ns (tOE)25
30
30
Current Consumption (typical values)
8-Word Page Read
6 mA
Simultaneous Read/Write
65 mA
Program/Erase
25 mA
Standby
20 µA
Typical Program & Erase Times (typical values) (See Note)
Typical Word
40 µs
Typical Effective Word (32 words in buffer)
9.4 µs
Accelerated Write Buffer Program
6 µs
Typical Sector Erase Time (32-Kword Sector)
300 ms
Typical Sector Erase Time (128-Kword Sector)
1.6 s
Package Options
S29PL-N
VBH064
8.0 x 11.6 mm,
64-ball
VBH084
8.0 x 11.6 mm,
84-ball
LAA064
11 x 13 mm, 64-ball
Fortified BGA
256
129
127


Similar Part No. - S29PL256N80GAIW00

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL256N65GAW000 SPANSION-S29PL256N65GAW000 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL256N65GAW002 SPANSION-S29PL256N65GAW002 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL256N65GAW003 SPANSION-S29PL256N65GAW003 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL256N65GAWW00 SPANSION-S29PL256N65GAWW00 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
S29PL256N65GAWW02 SPANSION-S29PL256N65GAWW02 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
More results

Similar Description - S29PL256N80GAIW00

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29PL-N SPANSION-S29PL-N_07 Datasheet
2Mb / 74P
   256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL642G AMD-AM29DL642G Datasheet
828Kb / 54P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
AM29PDL129H AMD-AM29PDL129H Datasheet
841Kb / 49P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO
AM29PDL127H AMD-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control
logo
SPANSION
AM29PDLI27H SPANSION-AM29PDLI27H Datasheet
750Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
AM29PDL127H SPANSION-AM29PDL127H Datasheet
991Kb / 68P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com