Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA201 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA201
Description  High-Side Measurement Current-Shunt Monitor with Comparator and Reference
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA201 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA201 Datasheet HTML 6Page - Burr-Brown (TI) INA201 Datasheet HTML 7Page - Burr-Brown (TI) INA201 Datasheet HTML 8Page - Burr-Brown (TI) INA201 Datasheet HTML 9Page - Burr-Brown (TI) INA201 Datasheet HTML 10Page - Burr-Brown (TI) INA201 Datasheet HTML 11Page - Burr-Brown (TI) INA201 Datasheet HTML 12Page - Burr-Brown (TI) INA201 Datasheet HTML 13Page - Burr-Brown (TI) INA201 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
INA200
INA201
INA202
SBOS374 − NOVEMBER 2006
www.ti.com
10
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 2 shows the basic connections of the INA200,
INA201, and INA202. The input pins, VIN+ and VIN−, should
be connected as closely as possible to the shunt resistor
to minimize any resistance in series with the shunt
resistance.
Power-supply bypass capacitors are required for stability.
Applications with noisy or high-impedance power supplies
may require additional decoupling capacitors to reject
power-supply noise. Connect bypass capacitors close to
the device pins.
POWER SUPPLY
The input circuitry of the INA200, INA201, and INA202 can
accurately measure beyond the power-supply voltage, V+.
For example, the V+ power supply can be 5V, whereas the
load power-supply voltage is up to +80V. The output
voltage range of the OUT terminal, however, is limited by
the voltages on the power-supply pin.
ACCURACY VARIATIONS AS A RESULT OF
VSENSE AND COMMON-MODE VOLTAGE
The accuracy of the INA200, INA201, and INA202 current
shunt monitors is a function of two main variables: VSENSE
(VIN+ − VIN−) and common-mode voltage, VCM, relative to
the supply voltage, VS. VCM is expressed as (VIN+ + VIN−)/2;
however, in practice, VCM is seen as the voltage at VIN+
because the voltage drop across VSENSE is usually small.
This section addresses the accuracy of these specific
operating regions:
Normal Case 1: VSENSE
≥ 20mV, VCM ≥ VS
Normal Case 2: VSENSE
≥ 20mV, VCM < VS
Low VSENSE Case 1: VSENSE < 20mV, −16V
≤ VCM < 0
Low VSENSE Case 2: VSENSE < 20mV, 0V
≤ VCM ≤ VS
Low VSENSE Case 3: VSENSE < 20mV, VS < VCM
≤ 80V
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
This region of operation provides the highest accuracy.
Here, the input offset voltage is characterized and
measured using a two-step method. First, the gain is
determined by Equation 1.
G
+
V
OUT1 * VOUT2
100mV
* 20mV
where:
VOUT1 = Output Voltage with VSENSE = 100mV
VOUT2 = Output Voltage with VSENSE = 20mV
Then the offset voltage is measured at VSENSE = 100mV
and referred to the input (RTI) of the current shunt monitor,
as shown in Equation 2.
V
OSRTI (Referred−To−Input) +
V
OUT1
G
* 100mV
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
RESET
V
IN
V
IN+
INA200
(G = 20)
GND
V+
2
3
4
6
5
7
8
1
R
PULL−UP
4.7k
Latch
Transparent/Reset
C
BYPASS
0.01
µF
R
SHUNT
3m
Load Supply
−18V to +80V
Load
5V Supply
R
1
R
2
Figure 2. INA200 Basic Connections
(1)
(2)


Similar Part No. - INA201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA201 BURR-BROWN-INA201 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201 TI1-INA201 Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201 TI1-INA201 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201 TI-INA201 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA201 TI1-INA201 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com