Electronic Components Datasheet Search |
|
S29PL-J55TAW010 Datasheet(PDF) 11 Page - SPANSION |
|
S29PL-J55TAW010 Datasheet(HTML) 11 Page - SPANSION |
11 / 96 page September 22, 2006 S29PL-J_00_A9 S29PL-J 9 Da ta Sh e e t (Adv a n ce In f o r m ation) 2. Ordering Information The order number (Valid Combination) is formed by a valid combinations of the following: Valid Combinations to be Supported for this Device S29PL-J 55 BA W 00 0 Packing Type 0= Tray 1 = Tube 2 = 7-inch Tape and Reel 3 = 13-inch Tape and Reel Model Number (Additional Ordering Options) 00 = 3.0V VIO, 80-ball 11 x 8 mm FBGA (VBG080) 01 = 1.8V VIO, 80-ball 11 x 8 mm FBGA (VBG080) 02 = 3.0V VIO, 64-ball 8 x 11.6 mm FBGA (VBH064) 12 = 3.0V VIO, 48-ball 8 x 6 mm FBGA (VBK048) 13 = 3.0V VIO, 56-ball 20 x 14 mm TSOP (TS056) 15 = 3.0V VIO, 56-ball 7 x 9 mm FBGA (VBU056) Temperature Range W = Wireless (–25°C to +85°C) I = Industrial (–40°C to +85°C) Package Type BA = Fine-Pitch Grid Array (FBGA) Lead (Pb)- free compliant BF = Fine-Pitch Grid Array (FBGA) Lead (Pb)-free TA = Thin Small Outline Package (TSOP) Standard Pinout Lead (Pb)-free compliant TF = Thin Small Outline Package (TSOP) Standard Pinout Lead (Pb)-free Clock Speed 55 = 55 ns (Contact factory for availability) 60 = 60 ns 65 = 65 ns 70 = 70 ns Device Number/Description 128 Megabit (8 M x 16-Bit), 64 Megabit (4 M x 16-Bit), 32 Megabit (2 M x 16-Bit) CMOS Flash Memory, Simultaneous-Read/Write, Page-Mode Flash Memory, 3.0 Volt-only Read, Program, and Erase 128 Mb Products Based on 110 nm Floating Gate Technology Device Number/ Description Speed (ns) Package Type Temperature Range Additional Ordering Options CE# Configuration S29PL127J 55, 60, 65, 70 BA, BF, TA, TF W, I 00, 01, 13 Single CE# 64 Mb Products Based on 110 nm Floating Gate Technology Device Number/ Description Speed (ns) Package Type Temperature Range Additional Ordering Options S29PL064J 55, 60, 70 BA, BF W, I 12, 15 32 Mb Products Based on 110 nm Floating Gate Technology Device Number/ Description Speed (ns) Package Type Temperature Range Additional Ordering Options S29PL032J 55, 60, 70 BA, BF W, I 12, 15 |
Similar Part No. - S29PL-J55TAW010 |
|
Similar Description - S29PL-J55TAW010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |