Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS512ND0BFWAK3 Datasheet(PDF) 7 Page - SPANSION

Part # S71WS512ND0BFWAK3
Description  Stacked Multi-Chip Product (MCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512ND0BFWAK3 Datasheet(HTML) 7 Page - SPANSION

Back Button S71WS512ND0BFWAK3 Datasheet HTML 3Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 4Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 5Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 6Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 7Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 8Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 9Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 10Page - SPANSION S71WS512ND0BFWAK3 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
July 19, 2006 S71WS-N_00_A6
S71WS-N
5
Da ta
Sh e e t
(Adv a n ce
In f o r m ation)
4.
MCP Block Diagram
Notes:
1. R-CRE is only present in CellularRAM-compatible pSRAM.
2. For 1 Flash + pSRAM, F1-CE# = CE#. For 2 Flash + pSRAM, CE# = F1-CE# and F2-CE# is the chip-enable pin for the second Flash.
3. Only needed for S71WS512N.
4. For the 128M pSRAM devices, there are 23 shared addresses.
5.
Connection Diagrams/Physical Dimensions
This section contains the I/O designations and package specifications for the S71WS-N.
5.1
Special Handling Instructions for FBGA Packages
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
VID
VCC
RDY
pSRAM
Flash 1
DQ15 to DQ0
Flash-only Address
Shared Address
F1-CE#
ACC
R-UB#
R-CE2
R-CRE
R-VCC
VCC
VCCQ
F-VCC
22
CLK
CLK
WP#
OE#
WE#
F-RST#
AVD#
CE#
ACC
WP#
OE#
WE#
RESET#
AVD#
RDY
VSS
VSSQ
DQ15 to DQ0
16
I/O15 to I/O0
16
R-CE1#
CE#
WE#
OE#
UB#
R-LB#
LB#
22
F2-CE#
CLK
AVD#
Flash 2
WAIT#
CRE#
(Note 1)
(Note 2)
(Note 2)
(Note 4)


Similar Part No. - S71WS512ND0BFWAK3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512ND0BFWA20 SPANSION-S71WS512ND0BFWA20 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512ND0BFWA22 SPANSION-S71WS512ND0BFWA22 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512ND0BFWA23 SPANSION-S71WS512ND0BFWA23 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512ND0BFWA30 SPANSION-S71WS512ND0BFWA30 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512ND0BFWA32 SPANSION-S71WS512ND0BFWA32 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS512ND0BFWAK3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com