Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS064J0PBFW002 Datasheet(PDF) 7 Page - SPANSION

Part # S29NS064J0PBFW002
Description  110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS064J0PBFW002 Datasheet(HTML) 7 Page - SPANSION

Back Button S29NS064J0PBFW002 Datasheet HTML 3Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 4Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 5Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 6Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 7Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 8Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 9Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 10Page - SPANSION S29NS064J0PBFW002 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
March 22, 2006 S29NS-J_00_A10
S29NS-J
3
Data
Sheet
The devices use Chip Enable (CE#), Write Enable (WE#), Address Valid (AVD#) and Output En-
able (OE#) to control asynchronous read and write operations. For burst operations, the devices
additionally require Ready (RDY) and Clock (CLK). This implementation allows easy interface with
minimal glue logic to microprocessors/microcontrollers for high performance read operations.
The devices offer complete compatibility with the JEDEC 42.4 single-power-supply Flash
command set standard. Commands are written to the command register using standard mi-
croprocessor write timings. Reading data out of the device are similar to reading from other Flash
or EPROM devices.
The host system can detect whether a program or erase operation is complete by using the device
status bit DQ7 (Data# Polling) and DQ6/DQ2 (toggle bits). After a program or erase cycle has
been completed, the device automatically returns to reading array data.
The sector erase architecture allows memory sectors to be erased and reprogrammed without
affecting the data contents of other sectors. The devices are fully erased when shipped from the
factory.
Hardware data protection measures include a low VCC detector that automatically inhibits write
operations during power transitions. The devices also offer three types of data protection at the
sector level. The sector lock/unlock command sequence disables or re-enables both program
and erase operations in any sector. When at VIL, WP# locks the highest two sectors. Finally, when
Acc is at VIL, all sectors are locked.
The devices offer two power-saving features. When addresses have been stable for a specified
amount of time, the device enters the automatic sleep mode. The system can also place the
device into the standby mode. Power consumption is greatly reduced in both modes.
S29NS032J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
4
8 Kwords
16
32 Kwords
15
32 Kwords
8 Mbits total
24 Mbits total
S29NS016J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
4
8 Kwords
8
32 Kwords
7
32 Kwords
4 Mbits total
12 Mbits total


Similar Part No. - S29NS064J0PBFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS064J0LBAW000 SPANSION-S29NS064J0LBAW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBAW002 SPANSION-S29NS064J0LBAW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBAW003 SPANSION-S29NS064J0LBAW003 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBFW000 SPANSION-S29NS064J0LBFW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBFW002 SPANSION-S29NS064J0LBFW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
More results

Similar Description - S29NS064J0PBFW002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com