Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S30MS01GP25TFW010 Datasheet(PDF) 11 Page - SPANSION

Part # S30MS01GP25TFW010
Description  1Gb/512Mb, x8/x16, 1.8 Volt NAND Interface Memory Based on MirrorBit??Technology
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S30MS01GP25TFW010 Datasheet(HTML) 11 Page - SPANSION

Back Button S30MS01GP25TFW010 Datasheet HTML 7Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 8Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 9Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 10Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 11Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 12Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 13Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 14Page - SPANSION S30MS01GP25TFW010 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
August 4, 2006 S30MS-P_00_A7
S30MS-P ORNANDTM Flash Family
9
Da ta
Shee t
(Prelim i nar y )
4.
Pin Names and Descriptions
4.1
Pin Names and Functions
4.2
Pin Descriptions
The device is a byte/word serial access memory that utilizes time-sharing input of address information. The
device pin-outs are configured as shown in 137-Ball MS01GP MCP-Compatible FBGA Pinout on page 5.
Pin Name
Pin Function
I/O0 to I/O15
Data Input/Output
CLE
Command Latch Enable
ALE
Address Latch Enable
CE#, CE1#, CE2#
Chip Enable
RE#
Read Enable
WE#
Write Enable
WP#
Write Protect
PRE
Power on Read Enable
RY/BY#
Ready/Busy Output
VCC
Power
VSS
Ground
N.C.
No Connection
Pin
Description
CLE
Command Latch Enable: The CLE input signal is used to control loading of the operation mode command into
the internal command register. The command is latched into the command register from the I/O port on the
rising edge of the WE# signal while CE# is low and CLE is High.
ALE
Address Latch Enable: The ALE signal is used to control loading of either address information or input data
into the internal address/data register. Address information is latched on the rising edge of WE# if CE# is low
and ALE is High.
Input data is latched if CE# is low and ALE is Low.
CE#, CE1#, CE2#
Chip Enable: The device enters a low-power Standby mode when the device is in Ready mode. The CE#
signal is ignored when the device is in a Busy state (RY/BY# = L), such as during a Page Buffer Load or Erase
operation, and will not enter Standby mode even if the CE# input goes high. The CE# signal may be inactive
during the Page Buffer write and Page Buffer load of the array data. The 2Gb device has two chip enable pins:
CE1# and CE2# (one per die).
WE#
Write Enable: The WE# signal is used to control the acquisition of data from the I/O port.
RE#
Read Enable: The RE# signal controls serial data output. Data is available tREA after the falling edge of RE#.
The internal column address counter is also incremented (Address = Address + 1) on this falling edge.
I/O0 to I/O7
I/O Port: The I/O0 to I/O7 pins are used as a port for transferring address, command, and input/output data to
and from the device.
I/O8 to I/O15
I/O Port: The I/O8 to I/O15 pins are used as a port for transferring input/output data to and from the device in
x16 mode only. I/O8 to I/O15 pins must be low level during address and command input.
WP#
Write Protect: The WP# signal is used to protect the device from accidental programming or erasing. This
signal is usually used for protecting the data during the power-on/off sequence when input signals are invalid.
RY/BY#
Ready/Busy:The RY/BY# output signal is used to indicate the operating condition of the device. The RY/BY#
signal is in Busy state (RY/BY# = L) during the Program, Erase, and Read operations and return to Ready state
(RY/BY# = H) after completion of the operation. The output buffer for this signal is an open drain.
PRE
Power-on Read Enable: The PRE controls auto read operation executed during power-on. The power-on auto-
read is enabled when PRE pin in tied to VCC.
VSS
Ground: VSS is the Ground.
N.C
No Connection: Lead is not internally connected.


Similar Part No. - S30MS01GP25TFW010

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S30M45C MOSPEC-S30M45C Datasheet
161Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M45F MOSPEC-S30M45F Datasheet
164Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60C MOSPEC-S30M60C Datasheet
152Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
S30M60F MOSPEC-S30M60F Datasheet
165Kb / 2P
   Switchmode Schottky Barrier Power Rectifiers
More results

Similar Description - S30MS01GP25TFW010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
Integrated Silicon Solu...
IS43DR16320B-37CBLI ISSI-IS43DR16320B-37CBLI Datasheet
729Kb / 30P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280A ISSI-IS43DR81280A Datasheet
855Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
logo
Micron Technology
MT48LC128M4A2 MICRON-MT48LC128M4A2_07 Datasheet
2Mb / 68P
   512Mb x4, x8, x16 SDRAM
logo
Integrated Silicon Solu...
IS43DR86400B ISSI-IS43DR86400B Datasheet
760Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
IS43DR81280 ISSI-IS43DR81280 Datasheet
863Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR81280B ISSI-IS43DR81280B Datasheet
549Kb / 28P
   1Gb (x8, x16) DDR2 SDRAM
IS43DR86400 ISSI-IS43DR86400 Datasheet
867Kb / 29P
   512Mb (x8, x16) DDR2 SDRAM
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com