Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S70GL256M00FFIIRC0 Datasheet(PDF) 4 Page - SPANSION

Part # S70GL256M00FFIIRC0
Description  256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL256M00FFIIRC0 Datasheet(HTML) 4 Page - SPANSION

  S70GL256M00FFIIRC0 Datasheet HTML 1Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 2Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 3Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 4Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 5Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 6Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 7Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 8Page - SPANSION S70GL256M00FFIIRC0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
2
S70GL256M00
S70GL256M00_00_A1 October 31, 2006
D A T A
SH EE T
GENERAL DESCRIPTION
The S70GL256M00 consists of two 128 Mbit, 3.0 volt
single power supply flash memory devices and is or-
ganized as 8,388,608 doublewords or 16,777,216
words. The device has a 32-bit wide data bus that can
also function as an 16-bit wide data bus by using the
WORD# input. The device can be programmed either
in the host system or in standard EPROM program-
mers.
An access time of 110 or 120 ns is available. Note that
each access time has a specific operating voltage
range (V
CC) as specified in the Product Selector Guide
and the Ordering Information sections. The device is
offered in an 80-ball Fortified BGA package. Each de-
vice has separate chip enable (CE#), write enable
(WE#) and output enable (OE#) controls.
Each device requires only a single 3.0 volt power
supply for both read and write functions. In addition to
a V
CC input, a high-voltage accelerated program
(WP#/ACC) input provides shorter programming times
through increased current. This feature is intended to
facilitate factory throughput during system production,
but may also be used in the field if desired.
The device is entirely command set compatible with
the JEDEC single-power-supply Flash standard.
Commands are written to the device using standard
microprocessor write timing. Write cycles also inter-
nally latch addresses and data needed for the pro-
gramming and erase operations.
The sector erase architecture allows memory sec-
tors to be erased and reprogrammed without affecting
the data contents of other sectors. The device is fully
erased when shipped from the factory.
Device programming and erasure are initiated through
command sequences. Once a program or erase oper-
ation has begun, the host system need only poll the
DQ7 and DQ15 (Data# Polling) or DQ6 and DQ14
(toggle) status bits or monitor the Ready/Busy#
(RY/BY#) outputs to determine whether the operation
is complete. To facilitate programming, an Unlock By-
pass mode reduces command sequence overhead by
requiring only two write cycles to program data instead
of four.
The VersatileI/O™ (V
IO) control allows the host sys-
tem to set the voltage levels that the device generates
and tolerates on the CE# control input and DQ I/Os to
the same voltage level that is asserted on the V
IO pin.
Refer to the Ordering Information section for valid V
IO
options.
Hardware data protection measures include a low
V
CC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
group protection feature disables both program and
erase operations in any combination of sector groups
of memory. This can be achieved in-system or via pro-
gramming equipment.
The Erase Suspend/Erase Resume feature allows
the host system to pause an erase operation in a given
sector to read or program any other sector and then
complete the erase operation. The Program Sus-
pend/Program Resume feature enables the host sys-
tem to pause a program operation in a given sector to
read any other sector and then complete the program
operation.
The hardware RESET# pin terminates any operation
in progress and resets the device, after which it is then
ready for a new operation. The RESET# pin may be
tied to the system reset circuitry. A system reset would
thus also reset the device, enabling the host system to
read boot-up firmware from the Flash memory device.
The device reduces power consumption in the
standby mode when it detects specific voltage levels
on CE# and RESET#, or when addresses have been
stable for a specified period of time.
The SecSi
™ (Secured Silicon) Sector provides a
128-doubleword/256-word area for code or data that
can be permanently protected. Once this sector is pro-
tected, no further changes within the sector can occur.
The Write Protect (WP#/ACC) feature protects the
first or last sector by asserting a logic low on the WP#
pin.
Spansion MirrorBitTM flash technology combines years
of Flash memory manufacturing experience to pro-
duce the highest levels of quality, reliability and cost
effectiveness. The device electrically erases all bits
within a sector simultaneously via hot-hole assisted
erase. The data is programmed using hot electron in-
jection.
RELATED DOCUMENTS
For a comprehensive information on MirrorBit prod-
ucts, including migration information, data sheets, ap-
plication notes, and software drivers, please see
www.amd.com
Flash MemoryProduct Informa-
tion
MirrorBitFlash InformationTechnical Docu-
mentation. The following is a partial list of documents
closely related to this product:
MirrorBit™ Flash Memory Write Buffer Programming
and Page Buffer Read
Implementing a Common Layout for Spansion Mirror-
Bit and Intel StrataFlash Memory Devices
Migrating from Single-byte to Three-byte Device IDs


Similar Part No. - S70GL256M00FFIIRC0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI010 SPANSION-S70GL01GN00FAI010 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI012 SPANSION-S70GL01GN00FAI012 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S70GL256M00FFIIRC0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV6402M AMD-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
logo
SPANSION
AM29LV6402M SPANSION-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
logo
Advanced Micro Devices
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com