Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72NS512PD0AJBLG3 Datasheet(PDF) 10 Page - SPANSION

Part # S72NS512PD0AJBLG3
Description  MirrorBit Flash Memory and DRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS512PD0AJBLG3 Datasheet(HTML) 10 Page - SPANSION

Back Button S72NS512PD0AJBLG3 Datasheet HTML 6Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 7Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 8Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 9Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 10Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 11Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 12Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 13Page - SPANSION S72NS512PD0AJBLG3 Datasheet HTML 14Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
S72NS-P Based MCPs/PoPs
S72NS-P_00_01 September 6, 2006
Data
Sheet
(Adv ance
I nf or mation)
6.
Physical Dimensions
6.1
NLC133—133-ball Fine-Pitch Ball Grid Array (FBGA) 11.0 x 10.0 mm
3436 \ 16-039.22 \ 12.09.04
PACKAGE
NLC 133
JEDEC
N/A
D x E
11.0 mm x 10.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
0.90
1.00
1.10
PROFILE
A1
0.20
0.25
0.30
BALL HEIGHT
A2
0.70
0.76
0.82
BODY THICKNESS
D
10.9
11.0
11.1
BODY SIZE
E
9.9
10.0
10.1
BODY SIZE
D1
6.50 BSC.
MATRIX FOOTPRINT
E1
6.50 BSC.
MATRIX FOOTPRINT
MD
14
MATRIX SIZE D DIRECTION
ME
14
MATRIX SIZE E DIRECTION
n
133
BALL COUNT
Øb
0.25
0.30
0.35
BALL DIAMETER
eE
0.50 BSC.
BALL PITCH
eD
0.50 BSC
BALL PITCH
SD / SE
0.25 BSC.
SOLDER BALL PLACEMENT
D5-D11, E4-E11, F4-F11
DEPOPULATED SOLDER BALLS
G4-G11, H4-H11, J4-J11
K4-K11, L4-L11
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.


Similar Part No. - S72NS512PD0AJBLG3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS512ND0-72 SPANSION-S72NS512ND0-72 Datasheet
584Kb / 17P
   Based MCPs
S72NS512ND0-73 SPANSION-S72NS512ND0-73 Datasheet
584Kb / 17P
   Based MCPs
S72NS512ND0-7J SPANSION-S72NS512ND0-7J Datasheet
584Kb / 17P
   Based MCPs
S72NS512ND0-7K SPANSION-S72NS512ND0-7K Datasheet
584Kb / 17P
   Based MCPs
S72NS512ND0AFW120 SPANSION-S72NS512ND0AFW120 Datasheet
584Kb / 17P
   Based MCPs
More results

Similar Description - S72NS512PD0AJBLG3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDLI27BDH SPANSION-AM70PDLI27BDH Datasheet
2Mb / 128P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com