Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S70GL256M00FFIIRA0 Datasheet(PDF) 8 Page - SPANSION

Part # S70GL256M00FFIIRA0
Description  256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70GL256M00FFIIRA0 Datasheet(HTML) 8 Page - SPANSION

Back Button S70GL256M00FFIIRA0 Datasheet HTML 4Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 5Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 6Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 7Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 8Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 9Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 10Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 11Page - SPANSION S70GL256M00FFIIRA0 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
6
S70GL256M00
S70GL256M00_00_A1 October 31, 2006
D A T A
SH EE T
CONNECTION DIAGRAMS
Note: The FBGA package pinout configuration shown is preliminary. The ball count and package physical dimensions have not
yet been determined. Contact Spansion for further information.
Special Package Handling Instructions
Special handling is required for Flash Memory products
in molded packages (BGA). The package and/or data
integrity may be compromised if the package body is
exposed to temperatures above 150°C for prolonged
periods of time.
80-ball Fortified BGA
Top View, Balls Facing Down
A2
C2
D2
E2
F2
G2
H2
A3
C3
D3
E3
F3
G3
H3
A4
C4
D4
E4
F4
G4
H4
A5
C5
D5
E5
F5
G5
H5
A6
C6
D6
E6
F6
G6
H6
A7
C7
D7
E7
F7
G7
H7
WORD#
DQ15
A16
A15
A14
A12
A13
DQ23/A-1
DQ14
DQ13
DQ7
A11
A10
A8
A9
DQ30
DQ12
VCC
DQ5
A19
A21
RESET#
WE#
VSS
DQ10
DQ11
DQ2
A20
A18
WP#/ACC
RY/BY#
VCC
DQ8
DQ9
DQ0
A5
A6
A17
A7
DQ31/A-1
CE#
OE#
A0
A1
A2
A4
A3
DQ18
A1
C1
D1
E1
F1
G1
H1
VIO
RFU
RFU
RFU
RFU
VCC
DQ16
RFU
A8
C8
B2
B3
B4
B5
B6
B7
B1
B8
D8
E8
F8
G8
H8
RFU
RFU
J2
J3
J4
J5
J6
J7
VSS
DQ6
DQ4
DQ3
DQ1
VSS
J1
DQ24
J8
DQ29
K2
K3
K4
K5
K6
K7
DQ20
DQ27
DQ26
DQ19
DQ17
VCC
K1
DQ25
K8
DQ22
VSS
VIO
RFU
A22
DQ28
DQ21


Similar Part No. - S70GL256M00FFIIRA0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI010 SPANSION-S70GL01GN00FAI010 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00FAI012 SPANSION-S70GL01GN00FAI012 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
More results

Similar Description - S70GL256M00FFIIRA0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV6402M AMD-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control
logo
SPANSION
AM29LV6402M SPANSION-AM29LV6402M Datasheet
932Kb / 57P
   128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
logo
Advanced Micro Devices
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
   512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com