Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS064JPLBJW000 Datasheet(PDF) 5 Page - SPANSION

Part # S29NS064JPLBJW000
Description  110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS064JPLBJW000 Datasheet(HTML) 5 Page - SPANSION

  S29NS064JPLBJW000 Datasheet HTML 1Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 2Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 3Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 4Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 5Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 6Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 7Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 8Page - SPANSION S29NS064JPLBJW000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
Publication Number S29NS-J_00
Revision A Amendment 10 Issue Date March 22, 2006
Distinctive Characteristics
Single 1.8 volt read, program and erase
(1.7 to 1.95 V)
Multiplexed Data and Address for reduced
I/O count
— A15–A0 multiplexed as DQ15–DQ0
— Addresses are latched by AVD# control input when
CE# low
Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
Read access times at 66/54 MHz (CL=30 pF)
— Burst access times of 11/13.5 ns
at industrial temperature range
— Asynchronous random access times
of 65/70 ns
— Synchronous random access times
of 71/87.5 ns
Burst Modes
— Continuous linear burst
— 8/16/32 word linear burst with wrap around
— 8/16/32 word linear burst without wrap around
Power dissipation (typical values, 8 bits
switching, CL = 30 pF)
— Burst Mode Read: 25 mA
— Simultaneous Operation: 40 mA
— Program/Erase: 15 mA
— Standby mode: 9 µA
Sector Architecture
— Four 8 Kword sectors
— Two hundred fifty-five (S29NS128J), one hundred
twenty-seven (S29NS064J),sixty-three
(S29NS032J), or thirty-one (S29NS016J) 32 Kword
sectors
— Four banks (see next page for sector count and size)
Sector Protection
— Software command sector locking
— WP# protects the two highest sectors
— All sectors locked when Acc = VIL
Handshaking feature
— Provides host system with minimum possible latency
by monitoring RDY
Supports Common Flash Memory Interface
(CFI)
Software command set compatible with
JEDEC 42.4 standards
— Backwards compatible with Am29F and Am29LV
families
Manufactured on 110 nm process technology
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically writes
and verifies data at specified addresses
Data# Polling and toggle bits
— Provides a software method of detecting program and
erase operation completion
Erase Suspend/Resume
— Suspends an erase operation to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation
Hardware reset input (RESET#)
— Hardware method to reset the device for reading
array data
CMOS compatible inputs and outputs
Package
— 48-ball Very Thin FBGA (S29NS128J)
— 44-ball Very Thin FBGA (S29NS064J, S29NS032J,
S29NS016J)
Cycling Endurance: 1 million cycles per sector
typical
Data Retention: 20 years typical
S29NS-J
128 Megabit (8 M x 16-Bit), 64 Megabit (4 M x 16-Bit),
32 Megabit (2 M x 16-Bit), and 16 Megabit (1 M x 16 Bit),
110 nm CMOS 1.8 Volt-only Simultaneous Read/Write,
Burst Mode Flash Memories
Data Sheet


Similar Part No. - S29NS064JPLBJW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS064J0LBAW000 SPANSION-S29NS064J0LBAW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBAW002 SPANSION-S29NS064J0LBAW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBAW003 SPANSION-S29NS064J0LBAW003 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBFW000 SPANSION-S29NS064J0LBFW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS064J0LBFW002 SPANSION-S29NS064J0LBFW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
More results

Similar Description - S29NS064JPLBJW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com