Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72WS512PD0HF01G2 Datasheet(PDF) 10 Page - SPANSION

Part # S72WS512PD0HF01G2
Description  based MCP/PoP Products
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS512PD0HF01G2 Datasheet(HTML) 10 Page - SPANSION

Back Button S72WS512PD0HF01G2 Datasheet HTML 6Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 7Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 8Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 9Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 10Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 11Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 12Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 13Page - SPANSION S72WS512PD0HF01G2 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8
S72WS-P based MCP/PoP Products
S72WS-P_00_A4 May 29, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
3.3
NOR Flash and DRAM Input/Output Descriptions
3.3.1
ORNAND Signal Descriptions
Amax-A0
=
NOR Flash Address inputs
DQ15-DQ0
=
Flash Data input/output, shared between NOR and ORNAND Flash. DQ0-DQ7 shared for x8 ORNAND
F-CE#
=
NOR Flash Chip-enable input #1. Asynchronous relative to CLK for Burst Mode.
F-OE#
=
NOR Flash Output Enable input. Asynchronous relative to CLK for Burst mode.
F-WE#
=
NOR Flash Write Enable input.
F-VCC
=
NOR Flash device power supply (1.7 V - 1.95V).
F-VCCQ
=
Input/Output Buffer power supply.
VSS
=Ground
RFU
=
Reserved for Future Use
F-RDY
=
Flash ready output. Indicates the status of the Burst read. VOL = data valid.
F-CLK
=
NOR Flash Clock. The first rising edge of CLK in conjunction with AVD# low latches the address input
and activates burst mode operation. After the initial word is output, subsequent rising edges of CLK
increment the internal address counter. CLK should remain low during asynchronous access.
F-AVD#
=
NOR Flash Address Valid input. Indicates to device that the valid address is present on the address
inputs.
VIL = for asynchronous mode, indicates valid address; for burst mode, causes starting address to be
latched on rising edge of CLK.
VIH= device ignores address inputs
F-RST#
=
NOR Flash hardware reset input. VIL= device resets and returns to reading array data
F-WP#
=
NOR Flash hardware write protect input. VIL = disables program and erase functions in the four
outermost sectors.
F-ACC
=
NOR Flash accelerated input. At VHH, accelerates programming; automatically places device in unlock
bypass mode. At VIL, disables all program and erase functions. Should be at VIH for all other conditions.
D-Amax-D-A0
=
SDRAM Address inputs
D-DQ15-D-DQ0
=
SDRAM Data input/output
D-CLK
=
SDRAM System Clock
D-CE#
=
SDRAM Chip Select
D-CKE
=
SDRAM Clock Enable
D-BA1-BA0
=
SDRAM Bank Select
D-RAS#
=
SDRAM Row Address Strobe
D-CAS#
=
SDRAM Column Address Strobe
D-DM1-D-DM0
=
SDRAM Data Input/Output Mask
D-WE#
=
SDRAM Write Enable input
D-VSS
=
SDRAM Ground
D-CLK#
=
DDR SDRAM Clock - in addition to D-CLK, this signal is available for DDRAMs that need CLK# for
normal operations
D-VSSQ
=
SDRAM Input/Output Buffer ground
D-VCCQ
=
SDRAM Input/Output Buffer power supply
D-VCC
=
SDRAM device power supply
D-DQS0 - D-
DQS1
=
DDR SDRAM Data Strobe pins. DQS provides the read data strobes (as output) and the write data
strobes (as input). Each DQS pin corresponds to eight DQ pins, respectively.
N-PRE
=
ORNAND Power-On Read Enable. Tie to VSS on customer board if not used
N-ALE
=
ORNAND Address Latch Enable
N-CLE
=
ORNAND Command Latch Enable
N-CE#
=
ORNAND Chip-enablE
N-WP#
=
ORNAND Write-protect
N-WE#
=
ORNAND Write-enable
N-RE#
=
ORNAND Read-enable
N-RY/BY#
=
ORNAND Ready-Busy
N-I/O0-N-I/O15
=
ORNAND I/O Signals (I/O0-I/O7 for x8 bus width)
N-VCC
=
ORNAND Power Supply


Similar Part No. - S72WS512PD0HF01G2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS512ND0BAW4Y0 SPANSION-S72WS512ND0BAW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BAW4Y2 SPANSION-S72WS512ND0BAW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BAW4Y3 SPANSION-S72WS512ND0BAW4Y3 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BFW4Y0 SPANSION-S72WS512ND0BFW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BFW4Y2 SPANSION-S72WS512ND0BFW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
More results

Similar Description - S72WS512PD0HF01G2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com