Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS016JPLBFW000 Datasheet(PDF) 8 Page - SPANSION

Part # S29NS016JPLBFW000
Description  110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS016JPLBFW000 Datasheet(HTML) 8 Page - SPANSION

Back Button S29NS016JPLBFW000 Datasheet HTML 4Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 5Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 6Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 7Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 8Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 9Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 10Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 11Page - SPANSION S29NS016JPLBFW000 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
4S29NS-J
S29NS-J_00_A10 March 22, 2006
Data
Sheet
Product Selector Guide
Block Diagram
Note: Amax indicates the highest order address bit.
Part Number
S29NS128J, S29NS064J, S29N032J, 29NS016J
Burst Frequency
66 MHz
54 MHz
Speed Option
0P
0L
Max Initial Synchronous Access Time, ns (TIACC)
71
87.5
Max Burst Access Time, ns (TBACC)
11
13.5
Max Asynchronous Access Time, ns (TACC)
65
70
Max CE# Access Time, ns (TCE)
Max OE# Access Time, ns (TOE)
11
13.5
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC
Detector
State
Control
Command
Register
VCC
VSS
WE#
RESET#
Acc
CE#
OE#
A/DQ15–A/DQ0
Data
Latch
Y-Gating
Cell Matrix
A/DQ15–A/DQ0
Amax–A16
RDY
Buffer
RDY
Burst
State
Control
Burst
Address
Counter
AVD#
CLK
Amax–A0


Similar Part No. - S29NS016JPLBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS016J0LBAW000 SPANSION-S29NS016J0LBAW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBAW002 SPANSION-S29NS016J0LBAW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBAW003 SPANSION-S29NS016J0LBAW003 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBFW000 SPANSION-S29NS016J0LBFW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS016J0LBFW002 SPANSION-S29NS016J0LBFW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
More results

Similar Description - S29NS016JPLBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com