Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS128J0PBFW000 Datasheet(PDF) 6 Page - SPANSION

Part # S29NS128J0PBFW000
Description  110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS128J0PBFW000 Datasheet(HTML) 6 Page - SPANSION

Back Button S29NS128J0PBFW000 Datasheet HTML 2Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 3Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 4Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 5Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 6Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 7Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 8Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 9Page - SPANSION S29NS128J0PBFW000 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
2S29NS-J
S29NS-J_00_A10 March 22, 2006
Data
Sheet
General Description
The S29NS128J, S29NS064J, S29NS032J and S29NS016J are 128 Mbit, 64 Mbit, 32 Mbit and 16
Mbit 1.8 Volt-only, Simultaneous Read/Write, Burst Mode Flash memory devices, organized as
8,388,608, 4,194,304, 2,097,152 and 1,048,576. words of 16 bits each. These devices use a sin-
gle VCC of 1.7 to 1.95 V to read, program, and erase the memory array. A 12.0-volt Acc may be
used for faster program performance if desired. These devices can also be programmed in stan-
dard EPROM programmers.
The devices are offered at the following speeds:
The devices operate within the temperature range of –25 °C to +85 °C, and are offered Very Thin
FBGA packages.
Simultaneous Read/Write Operations with Zero Latency
The Simultaneous Read/Write architecture divides the memory space into four banks. The device
allows a host system to program or erase in one bank, then immediately and simultaneously read
from another bank, with zero latency. This releases the system from waiting for the completion
of program or erase operations.
The devices are structured as shown in the following tables:
Clock
Speed
Burst Access (ns)
Synch. Initial Access
(ns)
Asynchronous Initial
Access (ns)
Output
Loading
66 MHz
11
71
65
30 pF
54 MHz
13.5
87.5
70
S29NS128J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
4
8 Kwords
64
32 Kwords
63
32 Kwords
32 Mbits total
96 Mbits total
S29NS064J
Bank A Sectors
Bank B, C & D Sectors
Quantity
Size
Quantity
Size
4
8 Kwords
32
32 Kwords
31
32 Kwords
16 Mbits total
48 Mbits total


Similar Part No. - S29NS128J0PBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS128J0LBAW000 SPANSION-S29NS128J0LBAW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBAW002 SPANSION-S29NS128J0LBAW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBAW003 SPANSION-S29NS128J0LBAW003 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBFW000 SPANSION-S29NS128J0LBFW000 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
S29NS128J0LBFW002 SPANSION-S29NS128J0LBFW002 Datasheet
2Mb / 73P
   Burst Mode Flash Memories
More results

Similar Description - S29NS128J0PBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com