Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOMC6-2X2F1 Datasheet(PDF) 1 Page - ITT Industries

Part # FOMC6-2X2F1
Description  Fiber Optic Multi-Channel Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FOMC6-2X2F1 Datasheet(HTML) 1 Page - ITT Industries

  FOMC6-2X2F1 Datasheet HTML 1Page - ITT Industries FOMC6-2X2F1 Datasheet HTML 2Page - ITT Industries FOMC6-2X2F1 Datasheet HTML 3Page - ITT Industries FOMC6-2X2F1 Datasheet HTML 4Page - ITT Industries FOMC6-2X2F1 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.ittcannon.com
299
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Multi-Channel Connectors
FOMC
Standard Data
Face Veiw of Insert
2 and 4 Channel
8 Channel
M1
M1
M1
M2
M2
F1
F1
F1
F3
F4
M4
M3
F2
F2
Contact Arrangements
State-of-the-art ceramic alignment tips on the contact provide maximum coupling performance - less than
1.0 dB average coupling less.
Description
Shell Hardware
Cable Clamp
Insert, Front Removable
Interfacial Seal
Cable Seal
O Rings
Alignment Guide
Strain Relief Spring
Mandrel/Yoke
Receptacle Yoke
Dust Cap
Marking
Fungus inert per requirement 4 of MIL-STD-454 Fluid resistant (elasto-
meric materials) per
MIL-H-5606-Hydraulic fluid, petroleum base
MIL-L7808-Lubricating oil, synthetic base
MIL-G-3056-Gasoline
MIL-A-8243-Ethelyne gylcol
Materials
Aluminum Alloy
Aluminum Alloy
Thermoplastic
Elastomer
Elastomer
Elastomer
Thermoplastic
Stell wire with black chrome finish
Thermoplastic
Thermoplastic
Elastomer
Laser with clear chromate over exposed base metal
ITT Cannon's EOMC Series Fiber Optic connectors
are designed to meet the needs of military and
commercial customers who require a rugged envi-
ronmental multifiber field connector. The FOMC
combines features which provide the user with a
connector that will withstand rough handling and
weather
extremes
with
features
of
elastomeric
cable and interface sealing, scoop proof interface
to prevent optical contact damage, removable front
insert for easy optical contact cleaning, anodized
shell finish, and a tough, strong dust cap with
attaching stainless steel strap.
Hermaphroditic design means plugs will mate with
an identical plug as well as receptacles. The remov-
able insert assures correcting mating and alignment. In
the FOMC, ruggedness is combined with good
optical perfomance, rapid coupling and attractive
pricing. Another plus feature for ITT Cannon's
FOMC design is the fiber flexure chamber which
prevents tensile loads from being applied to the
terminated fiber. The chamber provides space for
surplus fiber in a service loop of sufficient lenght to
permit one retemination of one or more fibers in
the plug and cable receptacle without reterminating
the strength member at the same time. This versa-
tility is an ITT Cannon exclusive.
The FOMC 2, 4, and 8 channel connector are
available as a cable plug, and several receptacle
shell configurations. The 8 channel can also be used
with less contacts i.e. 6,4, or 2 channels. Sealing
plugs are supplied with the 8 channel connector
when using less than the full complement of con-
tacts. This catalog provides complete ordering in-
formation on available shell types, contact layouts,
fiber and cable dimensional and mechanical param-
eters.


Similar Description - FOMC6-2X2F1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com