Electronic Components Datasheet Search |
|
S75WS256NEFBFWUK3 Datasheet(PDF) 3 Page - SPANSION |
|
S75WS256NEFBFWUK3 Datasheet(HTML) 3 Page - SPANSION |
3 / 15 page Publication Number S75WS-N_02 Revision A Amendment 2 Issue Date October 6, 2005 General Description The S75WS-N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists of the following items: One or more S29WS-N code Flash RAM Type 4 One or more S29WS-N data Flash, or one or more S30MS-P ORNAND Flash The products covered by this document are listed in the table below: Distinctive Characteristics MCP Features Power supply voltage of 1.7 V to 1.95 V High Performance — 54 MHz, 66 Mhz, 80 MHz Packages —9 x 12 mm 84 ball FBGA — 11 x 13 mm 115 ball FBGA Operating Temperature — Wireless, –25°C to +85°C S75WS-N Based MCPs Stacked Multi-Chip Product (MCP) 256 Megabit (16M x 16-bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst-mode Flash Memory with 128 Mb (8M x 16-Bit) RAM Type 4 and 512 Mb (32M x 16-bit) Data Flash or 1Gb ORNAND Flash Data Sheet PRELIMINARY Device Code Flash Density RAM Density NOR Data Flash Density ORNAND Data Flash Density 256 Mb 128 Mb 256 Mb 512 Mb 1024 Mb S75WS256NDF S75WS256NEG |
Similar Part No. - S75WS256NEFBFWUK3 |
|
Similar Description - S75WS256NEFBFWUK3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |