Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1005300L Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part # R1005300L
Description  Si Reverse, low current, 5 - 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

R1005300L Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  R1005300L Datasheet HTML 1Page - PREMIER DEVICES, INC. R1005300L Datasheet HTML 2Page - PREMIER DEVICES, INC. R1005300L Datasheet HTML 3Page - PREMIER DEVICES, INC. R1005300L Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
R1005300L
Si Reverse, low current, 5 – 100MHz, 30.8dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
Page 2 of 4
2004 Nov 01
Document Revision Level A
CHARACTERISTICS
Table 2: Distortion data 5 – 100 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
7 ch. flat; Vo = 50 dBmV
1)
-
- 64
dBc
CTB
composite triple beat
12 ch. flat; Vo = 50 dBmV
2)
-
- 61
dBc
7 ch. flat; Vo = 50 dBmV
1)
-
- 55
dB
XMOD
cross modulation
12 ch. flat; Vo = 50 dBmV
2)
-
- 51
dB
7 ch. flat; Vo = 50 dBmV
1)
-
- 68
dBc
CSO
composite second order
distortion
12 ch. flat; Vo = 50 dBmV
2)
-
- 68
dBc
d2
second order distortion
3)
- 70
dBc
STB
third order distortion
4)
- 66
dBc
Notes:
1)
7 channels, US frequency raster: T7 – T13 (7.0 to 43.0 MHz), +50 dBmV flat output level.
2)
12 channels, US frequency raster: T7 – T13 (7.0 to 43.0 MHz), 2 – 6 (55.25 to 83.25 MHz),
+50 dBmV flat output level.
3)
f1 = 7 MHz; V1 = 50 dBmV; f2 = 25 MHz; V2 = 50 dBmV; fTEST = f1 + f2 = 32 MHz.
4)
f1 = 13 MHz; V1 = 50 dBmV; f2 = 25 MHz; V2 = V1; f3 = 7 MHz; V3 = V1;
fTEST = f1 + f2 - f3 = 31 MHz.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.


Similar Part No. - R1005300L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R1005300L RFMD-R1005300L Datasheet
264Kb / 3P
   30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
logo
Qorvo, Inc
R1005300L QORVO-R1005300L Datasheet
264Kb / 3P
   30dB Reverse Hybrid 5MHz to 100MHz (Low Current)
More results

Similar Description - R1005300L

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R1005250L PDI-R1005250L Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 100MHz, 25.4dB typ. Gain @ 100MHz, 140mA max. @ 24VDC
R2005350L PDI-R2005350L Datasheet
64Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 35.2dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
R2005300L PDI-R2005300L Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 30.0dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
R3005250L PDI-R3005250L Datasheet
136Kb / 4P
   Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
R0605280L2 PDI-R0605280L2 Datasheet
125Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 28.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605250L2 PDI-R0605250L2 Datasheet
125Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 25.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R0605300L2 PDI-R0605300L2 Datasheet
125Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 30.0dB typ. Gain @ 65MHz, 140mA max. @ 24VDC
R2005280L PDI-R2005280L Datasheet
63Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 28.2dB typ. Gain @ 200MHz, 135mA max. @ 24VDC
R3005300L PDI-R3005300L Datasheet
130Kb / 4P
   Si Reverse, low current, 5 - 300MHz, 30.0dB typ. Gain @ 300MHz, 160mA max. @ 24VDC
R0605400L PDI-R0605400L Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 65MHz, 40.3dB typ. Gain @ 65MHz, 160mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com