Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R0605400L Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part No. R0605400L
Description  Si Reverse, low current, 5 - 65MHz, 40.3dB typ. Gain @ 65MHz, 160mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

R0605400L Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

  R0605400L Datasheet HTML 1Page - PREMIER DEVICES, INC. R0605400L Datasheet HTML 2Page - PREMIER DEVICES, INC. R0605400L Datasheet HTML 3Page - PREMIER DEVICES, INC. R0605400L Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
R0605400L
Si Reverse, low current, 5 – 65MHz, 40.3dB typ. Gain @ 65MHz, 160mA max. @ 24VDC
Page 2 of 4
2005 Nov 16
Document Revision Level B
CHARACTERISTICS
Table 2: Distortion data 5 – 65 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
CTB
composite triple beat
7 ch. flat; Vo = 50 dBmV
1)
-
- 72
dBc
XMOD
cross modulation
7 ch. flat; Vo = 50 dBmV
1)
-
- 64
dB
CSO
composite second order
distortion
7 ch. flat; Vo = 50 dBmV
1)
-
- 70
dBc
d2
second order distortion
2)
- 70
dBc
V0
output voltage
Dim = -60 dB
3)
62.0
-
dBmV
Notes:
1)
7 channels, US frequency raster: T7 – T13 (7.0 to 43.0 MHz), +50 dBmV flat output level.
2)
f1 = 7.00 MHz; V1 = 50 dBmV; f2 = 25.00 MHz; V2 = 50 dBmV; fTEST = f1 + f2 = 32.0 MHz.
3)
f1 = 13.00 MHz; V1 = 50 dBmV; f2 = 25.00 MHz; V2 = V1 – 6dB; f3 = 7.00 MHz; V3 = V1 – 6dB;
fTEST = f1 + f2 - f3 = 31.00 MHz, according to DIN45004B.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn