Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R0605300L Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part No. R0605300L
Description  Si Reverse, low current, 5 - 65MHz, 30.5dB typ. Gain @ 65MHz, 135mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

R0605300L Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
R0605300L
Si Reverse, low current, 5 – 65MHz, 30.5dB typ. Gain @ 65MHz, 135mA max. @ 24VDC
Page 1 of 4
2006 Feb 8
Document Revision Level E
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
APPLICATION
5 to 65 MHz CATV amplifier
for reverse channel systems
DESCRIPTION
Hybrid reverse amplifier employing silicon die
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
65
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f = 5 MHz
30.0
30.4
30.8
dB
Gp
power gain
f = 65 MHz
29.8
30.5
-
dB
SL
slope
1)
f = 5 to 65 MHz
-0.2
0.1
0.4
dB
FL
flatness of frequency
response
f = 5 to 65 MHz
-
± 0.3
dB
S11
input return loss
f = 5 to 65 MHz
20.0
-
dB
S22
output return loss
f = 5 to 65 MHz
20.0
-
dB
F
noise figure
f = 65 MHz
-
2.3
3.0
dB
Itot
total current
consumption (DC)
130.0
133
135.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
R0605300L
Si Reverse Hybrid , low current
5 – 65 MHz
30.5dB typ. Gain @ 65 MHz
135mA max. @ 24VDC


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn