Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D10040240GTH Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part No. D10040240GTH
Description  GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

D10040240GTH Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
D10040240GTH
GaAs Power Doubler, 40 – 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
FEATURES
D10040240GTH
GaAs Power Doubler Hybrid
High Output Capability
40 – 1000MHz
24.0dB min. Gain @ 1GHz
440mA max. @ 24VDC
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
High output capability
APPLICATION
40 to 1000 MHz CATV amplifier systems
DESCRIPTION
Hybrid Power Doubler amplifier module with high
output capability employing GaAs dice
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
75
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 50 MHz
22.5
23.0
23.5
dB
f = 1000 MHz
24.0
25.5
dB
SL
slope
1)
f = 40 to 1000 MHz
1.0
1.5
2.5
dB
FL
flatness of frequency
response
f = 40 to 1000 MHz
(Peak to Valley)
-
0.8
dB
f = 40 to 320 MHz
20.0
-
dB
f = 320 to 640 MHz
19.0
-
dB
f = 640 to 870 MHz
17.0
-
dB
S11
input return loss
f = 870 to 1000 MHz
16.0
-
dB
f = 40 to 320 MHz
20.0
-
dB
f = 320 to 640 MHz
19.0
-
dB
f = 640 to 870 MHz
18.0
-
dB
S22
output return loss
f = 870 to 1000 MHz
17.0
-
dB
F
noise figure
f = 50 to 1000 MHz
-
6.0
dB
Itot
total current
consumption (DC)
420.0
440.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
Page 1 of 4
2005 Jan 11
Document Revision Level B


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn