Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D10040240GTH Datasheet(PDF) 2 Page - PREMIER DEVICES, INC.

Part No. D10040240GTH
Description  GaAs Power Doubler, 40 - 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

D10040240GTH Datasheet(HTML) 2 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
D10040240GTH
GaAs Power Doubler, 40 – 1000MHz, 24.0dB min. Gain @ 1GHz, High, 440mA max. @ 24VDC
CHARACTERISTICS
Table 2: Distortion data 40 – 550 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CTB
79 ch. 7 dB tilted; Vo = 52 dBmV @ 550 MHz;
1)
-
- 65
- 63
dBc
XMOD
79 ch. 7 dB tilted; Vo = 52 dBmV @ 550 MHz;
1)
-
- 62
- 60
dBc
CSO
79 ch. 7 dB tilted; Vo = 52 dBmV @ 550 MHz;
1)
-
-67
-65
dBc
Notes:
1) 79 channels, NTSC frequency raster: 55.25 MHz to 547.25 MHz, +45 dBmV to +52 dBmV tilted output level.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.
Page 2 of 4
2005 Jan 11
Document Revision Level B


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn