Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D10040180GTH Datasheet(PDF) 3 Page - PREMIER DEVICES, INC.

Part No. D10040180GTH
Description  GaAs Power Doubler, 40 - 1000MHz, 19.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

D10040180GTH Datasheet(HTML) 3 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Specification
D10040180GTH
GaAs Power Doubler, 40 – 1000MHz, 19.0dB min. Gain @ 1GHz, 440mA max. @ 24VDC
Page 3 of 4
2006 Jan 13
Document Revision Level A
123 4 5 6 7 89
Pinning:
min
max
A44,4
44,8
B13,4
13,8
C19,9
20,9
D
7,85
8,15
E
12,45
12,75
F37,9
38,3
G
3,95
4,2
H3,8
4,2
I25,2
25,6
J-
-
K4,0
4,4
L27,0
27,4
M11,1
12,1
N5,4
6,2
O
0,23
0,27
P
0,42
0,48
Q
2,24
2,84
R
2,04
3,04
S
2,29
2,79
T
4,83
5,33
U
4,83
5,33
nominal
44,6 ±0,2
13,6 ±0,2
20,4 ±0,5
8 ±0,15
12,6 ±0,15
38,1 ±0,2
4 ±0,2
25,4 ±0,2
4 +0,2 / -0,05
UNC 6-32
4,2 ±0,2
27,2 ±0,2
11,6 ±0,5
5,8 ±0,4
0,25 ±0,02
0,45 ±0,03
2,54 ±0,3
2,54 ±0,5
2,54 ±0,25
5,08 ±0,25
5,08 ±0,25
All Dimensions in mm:
European
Projection
Notes:
510mm
0
scale
123 5 7 8 9
R
O
Q
M
510mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn