Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D8740270GT Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part No. D8740270GT
Description  GaAs Power Doubler, 40 - 870MHz, 27.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

D8740270GT Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
D8740270GT
GaAs Power Doubler, 40 – 870MHz, 27.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
Page 1 of 4
2004 Jun 01
Document Revision Level A
FEATURES
Excellent linearity
Superior return loss performance
Extremely low distortion
Optimal reliability
Low noise
Unconditionally stable under all terminations
APPLICATION
40 to 870 MHz CATV amplifier systems
DESCRIPTION
Hybrid Power Doubler amplifier module
employing GaAs dice
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
Vi
RF input voltage (single tone)
-
75
dBmV
Vov
DC supply over-voltage (5 minutes)
-
30
V
Tstg
storage temperature
- 40
+ 100
°C
Tmb
operating mounting base temperature
- 30
+ 100
°C
CHARACTERISTICS
Table 1: S-Parameter, Noise Figure, DC Current; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Gp
power gain
f = 870 MHz
27.0
28.2
dB
SL
slope
1)
f = 40 to 870 MHz
0.5
1.0
1.5
dB
FL
flatness of frequency
response
f = 40 to 870 MHz
(Peak to Valley)
-
0.6
dB
f = 40 to 320 MHz
20.0
-
dB
f = 320 to 640 MHz
19.0
-
dB
S11
input return loss
f = 640 to 870 MHz
17.0
-
dB
f = 40 to 320 MHz
20.0
-
dB
f = 320 to 640 MHz
19.0
-
dB
S22
output return loss
f = 640 to 870 MHz
18.0
-
dB
F
noise figure
f = 50 to 870 MHz
-
5.0
dB
Itot
total current
consumption (DC)
350.0
375.0
mA
Notes:
1) The slope is defined as the difference between the gain at the start frequency and the gain at the stop frequency.
D8740270GT
GaAs Power Doubler Hybrid
40 – 870MHz
27.0dB min. Gain @ 870MHz
375mA max. @ 24VDC


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn