Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD6406 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRD6406
Description  CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD6406 Datasheet(HTML) 2 Page - Exar Corporation

  XRD6406 Datasheet HTML 1Page - Exar Corporation XRD6406 Datasheet HTML 2Page - Exar Corporation XRD6406 Datasheet HTML 3Page - Exar Corporation XRD6406 Datasheet HTML 4Page - Exar Corporation XRD6406 Datasheet HTML 5Page - Exar Corporation XRD6406 Datasheet HTML 6Page - Exar Corporation XRD6406 Datasheet HTML 7Page - Exar Corporation XRD6406 Datasheet HTML 8Page - Exar Corporation XRD6406 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIN OUT DEFINITIONS
1
OE
Output Enable
2
DB0
Data Output Bit 0 (LSB)
3
DB1
Data Output Bit 1
4
DB2
Data Output Bit 2
5
DB3
Data Output Bit 3
6
DB4
Data Output Bit 4
7
DB5
Data Output Bit 5
8
DB6
Data Output Bit 6
9
DB7
Data Output Bit 7
10
DB8
Data Output Bit 8
11
DB9
Data Output Bit 9 (MSB)
12
CLK
Clock Input
PIN NO.
NAME
DESCRIPTION
13
DVDD
Digital Power Supply
14
VRTS
Top Internal Reference
15
VRT
Top of Reference
16
R3
3/4 Reference Tap Point
17
R2
1/2 Reference Tap Point
18
AVDD
Analog Power Supply
19
VIN
Analog Input Voltage
20
AGND
Analog Ground
21
R1
1/4 Reference Tap Point
22
VRBS
Bottom Internal Reference
23
VRB
Bottom of Reference
24
DGND
Digital Ground
PIN NO.
NAME
DESCRIPTION
XRD6406
2
Rev. 1.00
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
DNL
(LSB)
Plastic Dip
--40 to +85
°C
XRD6406AIP
INL
(LSB)
SOIC
--40 to +85
°C
XRD6406AID
¦1
¦1
¦2
¦2
PIN CONFIGURATIONS
24 Pin PDIP (0.300”)
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
11
14
12
13
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9 (MSB)
CLK
24 Pin SOIC (Jedec, 0.300”)
24
1
13
12
2
3
4
5
6
7
15
14
17
16
8
9
19
18
10
11
23
22
21
20
R1
R3
AVDD
R2
VRT
VRTS
DVDD
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9 (MSB)
CLK
VIN
AGND
VRBS
DGND
VRB
R1
R3
AVDD
R2
VRT
VRTS
DVDD
VIN
AGND
VRBS
DGND
VRB
OE
OE
See Packaging Section for Package Dimensions


Similar Part No. - XRD6406

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
   CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
XRD6414AIQ EXAR-XRD6414AIQ Datasheet
204Kb / 16P
   CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
XRD6440 EXAR-XRD6440 Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
XRD6440AIQ EXAR-XRD6440AIQ Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
XRD6440AIU EXAR-XRD6440AIU Datasheet
1Mb / 28P
   10-BIT 40MSPS CMOS ADC
More results

Similar Description - XRD6406

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7682 EXAR-MP7682 Datasheet
478Kb / 7P
   CMOS, 6-Bit High-Speed Analog-to-digital Converter
MP7686 EXAR-MP7686 Datasheet
752Kb / 9P
   CMOS 6 BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
MP8775 EXAR-MP8775 Datasheet
511Kb / 8P
   CMOS 20 MSPS, 8-Bit, High Speed Analog-to-Digital Converter
logo
Texas Instruments
THS10064 TI-THS10064 Datasheet
543Kb / 41P
[Old version datasheet]   10-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Exar Corporation
MP8784 EXAR-MP8784 Datasheet
628Kb / 9P
   CMOS 5 MSPS 10BIT HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
logo
Exar Corporation
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
   CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com