Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D8740250GT Datasheet(PDF) 3 Page - PREMIER DEVICES, INC.

Part No. D8740250GT
Description  GaAs Power Doubler, 40 - 870MHz, 25.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PDI [PREMIER DEVICES, INC.]
Homepage  http://www.premierdevicesinc.com/
Logo 

D8740250GT Datasheet(HTML) 3 Page - PREMIER DEVICES, INC.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Specification
D8740250GT
GaAs Power Doubler, 40 – 870MHz, 25.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
Page 3 of 4
2004 Jun 01
Document Revision Level D
123 4 5 6 7
89
Pinning:
min
max
A44,4
44,8
B13,4
13,8
C19,9
20,9
D
7,85
8,15
E
12,45
12,75
F37,9
38,3
G
3,95
4,2
H3,8
4,2
I25,2
25,6
J-
-
K4,0
4,4
L27,0
27,4
M11,1
12,1
N5,4
6,2
O
0,23
0,27
P
0,42
0,48
Q
2,24
2,84
R
2,04
3,04
S
2,29
2,79
T
4,83
5,33
U
4,83
5,33
nominal
44,6
±0,2
13,6
±0,2
20,4
±0,5
8
±0,15
12,6
±0,15
38,1
±0,2
4
±0,2
25,4
±0,2
4
+0,2 / -0,05
UNC 6-32
4,2
±0,2
27,2
±0,2
11,6
±0,5
5,8
±0,4
0,25
±0,02
0,45
±0,03
2,54
±0,3
2,54
±0,5
2,54
±0,25
5,08
±0,25
5,08
±0,25
All Dimensions in mm:
European
Projection
Notes:
510mm
0
scale
123 5 7 8 9
R
O
Q
M
510mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn