Electronic Components Datasheet Search |
|
S72NS256NE0AFW122 Datasheet(PDF) 3 Page - SPANSION |
|
S72NS256NE0AFW122 Datasheet(HTML) 3 Page - SPANSION |
3 / 17 page This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice. Publication Number S72NS128_256ND0_00 Revision B Amendment 1 Issue Date November 9, 2005 General Description This document contains information on the S72NS-N MCP product family. Refer to the S29NS-N data sheet (S29NS256/128N_01, revision A4) for full electrical specifications of the Flash memory component. Refer to the DDR SDRAM Type 1 data sheet (revision A2) for full electrical specifica- tions of the DDR SDRAM component. Refer to the DDR SDRAM Type 5 data sheet (revision A0) for full electrical specifications of the DDR SDRAM component The S72NS Series is a product line of stacked Multi-Chip Product (MCP) products and consists of: One or more NS family multiplexed Flash memory die DDR DRAM The products covered by this document are listed in the table below. Distinctive Characteristics Product Selector Guide S72NS-N Based MCPs Stacked Multi-Chip Product (MCP) MirrorBitTMFlash Memory & DRAM 128/256 Mb (8/16 M x 16 bit), 110nm CMOS 1.8 Volt-only, Multiplexed, Simultaneous Read/Write, Burst Mode Flash Memory and 128/256-Mb (8/16-M x 16-bit) DDR DRAM Data Sheet ADVANCE INFORMATION Flash Density DRAM Density 128 Mb 256 Mb 128 Mb S72NS128ND0 S72NS256ND0 256 Mb S72NS256ND0 512 Mb S72NS512ND0 S72NS512NE0 Device- Model# Flash Density DRAM Density Flash Speed (MHz) DRAM Speed (MHz) Supplier Package S72NS256ND0-7K 256 Mb 128 Mb 66 133 DRAM Type 1 NLC133, 11x10mm S72NS256ND0-7J 80 S72NS256ND0-73 66 DRAM Type 5 S72NS256ND0-72 80 S72NS128ND0-1K 128 Mb 128 Mb 66 DRAM Type 1 NLE133, 8x8mm S72NS128ND0-1J 80 S72NS128ND0-13 66 DRAM Type 5 S72NS128ND0-12 80 S72NS512ND0-7K 512 Mb 128 Mb 66 133 DRAM Type 1 MTA133 11x10mm S72NS512ND0-7J 80 S72NS512ND0-73 66 DRAM Type 5 S72NS512ND0-72 80 S72NS512NE0-7K 512 Mb 256 Mb 66 DRAM Type 1 S72NS512NE0-7J 80 S72NS512NE0-73 66 DRAM Type 5 S72NS512NE0-72 80 MCP Features Power supply voltage of 1.7 V to 1.95 V Burst Speeds — Flash = 66 MHz, 80 MHz — DRAM = 133 MHz Packages, 133-ball FBGA — 11.0 x 10.0 x 1.0 mm — 8.0 x 8.0 x 1.0 mm Operating Temperature of 25°C to +85°C |
Similar Part No. - S72NS256NE0AFW122 |
|
Similar Description - S72NS256NE0AFW122 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |