Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75WS256NDGBFWSH3 Datasheet(PDF) 7 Page - SPANSION

Part # S75WS256NDGBFWSH3
Description  Stacked Multi-Chip Product (MCP)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDGBFWSH3 Datasheet(HTML) 7 Page - SPANSION

Back Button S75WS256NDGBFWSH3 Datasheet HTML 2Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 3Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 4Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 5Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 6Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 7Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 8Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 9Page - SPANSION S75WS256NDGBFWSH3 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
S73WS-P_00_A0 March 16, 2006
S73WS-P based MCP Products
5
Dat a
Sheet
( A dv anc e
I n f o r m a t i on )
4.
Ordering Information
The order number is formed by a valid combinations of the following:
S73WS
512
P
D0
HF
6
4
V
0
PACKING TYPE
0 = Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER 2
V = 66MHz/104MHz Speed
MODEL NUMBER 1
4 = SDR DRAM x16, Type 5
PACKAGE DESCRIPTOR
Depends on Character 12. For a more detailed description see Table 4.1.
PACKAGE TYPE & MATERIAL SET
HF = 1.2mm MCP FBGA, Pb-free
KF = 1.2mm POP FBGA, Pb-free
JF = 1.4mm MCP FBGA, Pb-free
DRAM & ORNAND FLASH DENSITY
D0 = 128 Mb DRAM, No Data Flash
PROCESS TECHNOLOGY
P = 90 nm, MirrorBit
TM Technology
CODE FLASH DENSITY
512 = 512Mb
PRODUCT FAMILY
S73WS Stacked Products (MCP)
1.8 V NOR Flash and Mobile DRAM
Table 4.1 Character Position Descriptions (Sheet 1 of 2)
Character 12
Character 13
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
H, J, or G
07x9 mm
56
0.35 mm
17x9 mm
80
2
8x11.6 mm
64
3
8x11.6 mm
84
4
9x12 mm
84
5
9x12 mm
115
6
9x12 mm
137
7
11x13 mm
84
8
11x13 mm
115
9
11x13 mm
137


Similar Part No. - S75WS256NDGBFWSH3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75WS256NDGBFWSH3 SPANSION-S75WS256NDGBFWSH3 Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75WS256NDGBFWSH3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com