Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72NS256NE0AFW132 Datasheet(PDF) 11 Page - SPANSION

Part # S72NS256NE0AFW132
Description  Based MCPs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS256NE0AFW132 Datasheet(HTML) 11 Page - SPANSION

Back Button S72NS256NE0AFW132 Datasheet HTML 7Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 8Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 9Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 10Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 11Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 12Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 13Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 14Page - SPANSION S72NS256NE0AFW132 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
November 9, 2005 S72NS128_256ND0_00_B1
S72NS-N Based MCPs
9
Ad vance
Information
4 Ordering Information
The order number (Valid Combination) is formed by the following:
S72NS
256
N
D0
AF
W
7
K
0
PACKING TYPE
0= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
MODEL NUMBER
K
= DRAM Type 1, 66 MHz Flash/133 MHz DRAM
J
= DRAM Type 1, 80 MHz Flash/133 MHz DRAM
3
= DRAM Type 5, 66 MHz Flash/133 MHz DRAM
2
= DRAM Type 5, 80 MHz Flash/133 MHz DRAM
PACKAGE MODIFIER
7
= DDR DRAM, 133-ball, 11x10 mm, FBGA Multi-chip Package
1
= DDR DRAM, 133-ball, 8.0x8.0 mm, FBGA Multi-chip Package
TEMPERATURE RANGE
W
= Wireless (-25
°C to +85°C)
PACKAGE TYPE
AF
= Thin profile Fine-pitch BGA Pb-free package
(0.5 mm pitch, 1.0 mm height)
AJ
= Thin profile Fine-pitch BGA Pb-free LF35 package
(0.5 mm pitch, 1.0 mm height)
ZJ
= Thin profile Fine-pitch BGA Pb-free LF35 package
(0.5 mm pitch, 1.2 mm height)
DRAM AND DATA FLASH DENSITY
D0
= 128 Mb DRAM, No Data Flash
E0
= 256 Mb DRAM, No Data Flash
PROCESS TECHNOLOGY
N
= 110 nm, MirrorBitTM Technology
CODE FLASH DENSITY
512 = 512 Mb
256 = 256 Mb
128 = 128 Mb
PRODUCT FAMILY
S72NS Multi-Chip Product (MCP)
1.8 V Multiplexed, SRW, Burst Mode Flash and DDR DRAM on Split Bus
Valid Combinations
Product
Family
Code Flash
Density
(Mb)
Process
Technology
DRAM
Density
(Mb)
Package Type/
Marking/
Material
Temperature
Range
Package
Modifier
Model
Number
Packing
Type
S72NS
128
N
D0
AF, AJ
W
1
K, J, 2, 3
0, 2, 3
256
7
512
ZJ
E0
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type
designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult your local sales office to confirm avail-
ability of specific valid combinations and to check on newly released
combinations.


Similar Part No. - S72NS256NE0AFW132

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS256PD0 SPANSION-S72NS256PD0 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC SPANSION-S72NS256PD0AJBGC Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC0 SPANSION-S72NS256PD0AJBGC0 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC2 SPANSION-S72NS256PD0AJBGC2 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC3 SPANSION-S72NS256PD0AJBGC3 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
More results

Similar Description - S72NS256NE0AFW132

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com