Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL512P12TFI010 Datasheet(PDF) 8 Page - SPANSION

Part # S29GL512P12TFI010
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL512P12TFI010 Datasheet(HTML) 8 Page - SPANSION

Back Button S29GL512P12TFI010 Datasheet HTML 4Page - SPANSION S29GL512P12TFI010 Datasheet HTML 5Page - SPANSION S29GL512P12TFI010 Datasheet HTML 6Page - SPANSION S29GL512P12TFI010 Datasheet HTML 7Page - SPANSION S29GL512P12TFI010 Datasheet HTML 8Page - SPANSION S29GL512P12TFI010 Datasheet HTML 9Page - SPANSION S29GL512P12TFI010 Datasheet HTML 10Page - SPANSION S29GL512P12TFI010 Datasheet HTML 11Page - SPANSION S29GL512P12TFI010 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
6
S29GL-P MirrorBit
TM Flash Family
S29GL-P_00_A3 November 21, 2006
Data
Sheet
(Adv an ce
Inf o r m a t io n)
2.
Input/Output Descriptions & Logic Symbol
Table 2.1 identifies the input and output package connections provided on the device.
Table 2.1 Input/Output Descriptions
Symbol
Type
Description
A25–A0
Input
Address lines for GL01GP
A24–A0 for GL512P
A23–A0 for GL256P,
A22–A0 for GL128P.
DQ14–DQ0
I/O
Data input/output.
DQ15
I/O
DQ15: Data input/output in word mode .
A-1: LSB address input in byte mode.
CE#
Input
Chip Enable.
OE#
Input
Output Enable.
WE#
Input
Write Enable.
VCC
Supply
Device Power Supply.
VIO
Supply
Versatile IO Input.
VSS
Supply
Ground.
NC
No Connect
Not connected internally.
RY/BY#
Output
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At
VIL, the device is actively erasing or programming. At High Z, the device is in ready.
BYTE#
Input
Selects data bus width. At VIL, the device is in byte configuration and data I/O pins DQ0-
DQ7 are active. At VIH, the device is in word configuration and data I/O pins DQ0-DQ15
are active.
RESET#
Input
Hardware Reset. Low = device resets and returns to reading array data.
WP#/ACC
Input
Write Protect/Acceleration Input. At VIL, disables program and erase functions in the
outermost sectors. At VHH, accelerates programming; automatically places device in
unlock bypass mode. Should be at VIH for all other conditions.
RFU
Reserved
Reserved for future use.


Similar Part No. - S29GL512P12TFI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL512P12TFI010

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com