Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75WS256NEGBAWSJ2 Datasheet(PDF) 3 Page - SPANSION

Part # S75WS256NEGBAWSJ2
Description  Stacked Multi-Chip Product (MCP)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NEGBAWSJ2 Datasheet(HTML) 3 Page - SPANSION

  S75WS256NEGBAWSJ2 Datasheet HTML 1Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 2Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 3Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 4Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 5Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 6Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 7Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 8Page - SPANSION S75WS256NEGBAWSJ2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design
in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S73WS-P_00
Revision A
Amendment 0
Issue Date March 16, 2006
Features
„ Power supply voltage of 1.7 to 1.95V
„ Flash access time: 80 ns for NOR Flash
„ Flash burst frequencies: 66 MHz, 80 MHz, 108 MHz
„ Mobile SDRAM burst frequency: 104 MHz (SDR)
„ Package:
– 9.0 x 12.0 mm MCP
„ Operating Temperature
– –25°C to +85°C (wireless)
The S73WS series is a product line of stacked packages and consists of:
„ One NOR flash memory die
„ One Mobile SDRAM die on shared bus
The products covered by this document are listed in the table below.
Note:
For a full list of OPNs, please contact the local sales representative or refer to the Ordering Information valid combinations tables.
For detailed specifications, please refer to the individual data sheets.
S73WS-P based MCP Products
1.8 Volt-only x16 Simultaneous Read/Write,
Burst Mode Flash
Mobile SDRAM on Shared Bus
Data Sheet (Advance Information)
Device
DRAM Density
128Mb
S29WS256P
S73WS256PD0 (MCP) (SDR)
Document
Publication Identification Number (PID)
S29WS-P
S29WS-P_00
128 Mb Mobile SDR-DRAM Type 5
SDRAM_08


Similar Part No. - S75WS256NEGBAWSJ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75WS256NEGBAWSJ2 SPANSION-S75WS256NEGBAWSJ2 Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75WS256NEGBAWSJ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com