Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75WS256NDGBAWNK2 Datasheet(PDF) 7 Page - SPANSION

Part # S75WS256NDGBAWNK2
Description  Stacked Multi-Chip Product (MCP)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDGBAWNK2 Datasheet(HTML) 7 Page - SPANSION

Back Button S75WS256NDGBAWNK2 Datasheet HTML 3Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 4Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 5Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 6Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 7Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 8Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 9Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 10Page - SPANSION S75WS256NDGBAWNK2 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
October 6, 2005 S75WS-N_02_A2
S75WS-N Based MCPs
5
Pr el im i n a r y
3
Input/Output Descriptions
Table 3.1 identifies the input and output package connections provided on the device.
Table 3.2 identifies the ORNAND input and output connections provided on the device.
Table 3.1 NOR Flash and RAM Input/Output Descriptions
Symbol
Description
Amax – A0
Address Inputs
(Common)
DQ15 - DQ0
Data Inputs/Outputs
OE#
Output Enable input
WE#
Write Enable input
VSS
Ground
NC
No Connect; not connected internally.
RDY
Ready output. Indicates the status of the Burst read.
(Flash)
CLK
Clock input. In burst mode, after the initial word is output, subsequent
active edges of CLK increment the internal address counter. Should be at
VIL or VIH while in asynchronous mode.
(Common)
AVD#
Address Valid input.
Indicates to device that the valid address is present on the address inputs.
(Flash)
F-RST#
Hardware reset input.
F-WP#
Hardware write protect input.
At VIL, disables program and erase functions in the four outermost sectors.
Should be at VIH for all other conditions.
F-ACC
Accelerated input.
At VHH, accelerates programming; automatically places device in unlock
bypass mode. At VIL, disables all program and erase functions. Should be
at VIH for all other conditions.
R-CE#
Chip-enable input for pSRAM
F1-CE#
Chip-enable input for Code Flash.
Asynchronous relative to
CLK for Burst Mode.
F2-CE#
Chip-enable input for Data Flash 1.
F2-CE#
Chip-enable input for Data Flash 2.
R-MRS#
Control Register Enable.
(pSRAM – RAM Type 4 only)
F-VCC
Flash 1.8 Volt-only single power supply.
R-VCC
pSRAM Power Supply.
R-UB#
Upper Byte Control.
(pSRAM)
R-LB#
Lower Byte Control .
Table 3.2 ORNAND Flash Input/Output Descriptions
Symbol
Description
N-PRE
ORNAND Power-On Read Enable. Tie to VSS on customer board if not used.
N-ALE
ORNAND Address Latch Enable
N-CLE
ORNAND Command Latch Enable
N-CE#
ORNAND Chip-enable
N-WP#
ORNAND Write-protect
N-WE#
ORNAND Write-enable
N-RE#
ORNAND Read-enable
N-RY/BY#
ORNAND Ready-Busy—this is shared with NOR RDY
N-I/O0-N-I/O15
ORNAND I/O signals (I/O0-I/O7 for x8 bus width)
N-VCC
ORNAND Power supply


Similar Part No. - S75WS256NDGBAWNK2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75WS256NDGBAWNH0 SPANSION-S75WS256NDGBAWNH0 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS256NDGBAWNH2 SPANSION-S75WS256NDGBAWNH2 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS256NDGBAWNH3 SPANSION-S75WS256NDGBAWNH3 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS256NDGBAWNJ0 SPANSION-S75WS256NDGBAWNJ0 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS256NDGBAWNJ2 SPANSION-S75WS256NDGBAWNJ2 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75WS256NDGBAWNK2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com