Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29GL032M Datasheet(PDF) 36 Page - SPANSION

Part # S29GL032M
Description  256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032M Datasheet(HTML) 36 Page - SPANSION

Back Button S29GL032M Datasheet HTML 32Page - SPANSION S29GL032M Datasheet HTML 33Page - SPANSION S29GL032M Datasheet HTML 34Page - SPANSION S29GL032M Datasheet HTML 35Page - SPANSION S29GL032M Datasheet HTML 36Page - SPANSION S29GL032M Datasheet HTML 37Page - SPANSION S29GL032M Datasheet HTML 38Page - SPANSION S29GL032M Datasheet HTML 39Page - SPANSION S29GL032M Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 116 page
background image
34
S29GL-M MirrorBitTM Flash Family
S29GL-M_00_B6 October 10, 2006
Data
Sheet
* Sector sizes are given in Kbytes/Kwords.
SA90 1011010xxx 64/32 5A0000h–5AFFFFh 2D0000h–2D7FFFh SA113 1110001xxx
64/32 710000h–71FFFFh 388000h–38FFFFh
SA91 1011011xxx 64/32 5B0000h–5BFFFFh 2D8000h–2DFFFFh SA114 1110010xxx
64/32 720000h–72FFFFh 390000h–397FFFh
SA92 1011100xxx 64/32 5C0000h–5CFFFFh 2E0000h–2E7FFFh SA115 1110011xxx
64/32 730000h–73FFFFh 398000h–39FFFFh
SA93 1011101xxx 64/32 5D0000h–5DFFFFh 2E8000h–2EFFFFh
SA116 1110100xxx
64/32 740000h–74FFFFh 3A0000h–3A7FFFh
SA94 1011110xxx 64/32 5E0000h–5EFFFFh 2F0000h–2FFFFFh
SA117 1110101xxx
64/32 750000h–75FFFFh 3A8000h–3AFFFFh
SA95 1011111xxx 64/32 5F0000h–5FFFFFh 2F8000h–2FFFFFh
SA118 1110110xxx
64/32 760000h–76FFFFh 3B0000h–3B7FFFh
SA96 1100000xxx 64/32 600000h–60FFFFh 300000h–307FFFh SA119 1110111xxx
64/32 770000h–77FFFFh 3B8000h–3BFFFFh
SA97 1100001xxx 64/32 610000h–61FFFFh 308000h–30FFFFh
SA120 1111000xxx
64/32 780000h–78FFFFh 3C0000h–3C7FFFh
SA98 1100010xxx 64/32 620000h–62FFFFh 310000h–317FFFh SA121 1111001xxx
64/32 790000h–79FFFFh 3C8000h–3CFFFFh
SA99 1100011xxx 64/32 630000h–63FFFFh 318000h–31FFFFh
SA122 1111010xxx
64/32 7A0000h–7AFFFFh 3D0000h–3D7FFFh
SA100 1100100xxx 64/32 640000h–64FFFFh 320000h–327FFFh SA123 1111011xxx
64/32 7B0000h–7BFFFFh 3D8000h–3DFFFFh
SA101 1100101xxx 64/32 650000h–65FFFFh 328000h–32FFFFh
SA124 1111100xxx
64/32 7C0000h–7CFFFFh 3E0000h–3E7FFFh
SA102 1100110xxx 64/32 660000h–66FFFFh 330000h–337FFFh SA125 1111101xxx
64/32 7D0000h–7DFFFFh 3E8000h–3EFFFFh
SA103 1100111xxx 64/32 670000h–67FFFFh 338000h–33FFFFh
SA126 1111110xxx
64/32 7E0000h–7EFFFFh 3F0000h–3F7FFFh
SA104 1101000xxx 64/32 680000h–68FFFFh 340000h–347FFFh SA127 1111111000
8/4
7F0000h–7F1FFFh 3F8000h–3F8FFFh
SA105 1101001xxx 64/32 690000h–69FFFFh 348000h–34FFFFh
SA128 1111111001
8/4
7F2000h–7F3FFFh 3F9000h–3F9FFFh
SA106 1101010xxx 64/32 6A0000h–6AFFFFh 350000h–357FFFh SA129 1111111010
8/4
7F4000h–7F5FFFh 3FA000h–3FAFFFh
SA107 1101011xxx 64/32 6B0000h–6BFFFFh 358000h–35FFFFh
SA130 1111111011
8/4
7F6000h–7F7FFFh 3FB000h–3FBFFFh
SA108 1101100xxx 64/32 6C0000h–6CFFFFh 360000h–367FFFh SA131 1111111100
8/4
7F8000h–7F9FFFh 3FC000h–3FCFFFh
SA109 1101101xxx 64/32 6D0000h–6DFFFFh 368000h–36FFFFh
SA132 1111111101
8/4
7FA000h–7FBFFFh 3FD000h–3FDFFFh
SA110 1101110xxx 64/32 6E0000h–6EFFFFh 370000h–377FFFh SA133 1111111110
8/4
7FC000h–7FDFFFh 3FE000h–3FEFFFh
SA111 1101111xxx 64/32 6F0000h–6FFFFFh 378000h–37FFFFh
SA134 1111111111
8/4
7FE000h–7FFFFFh 3FF000h–3FFFFFh
SA112 1110000xxx 64/32 700000h–70FFFFh 380000h–387FFFh
Table 12. S29GL064M (Model R3) Top Boot Sector Addresses (Sheet 2 of 2)
A21–A12
Sector
Size*
8-bit
Address
Range
16-bit
Address
Range
A21–A12
Sector
Size*
8-bit
Address
Range
16-bit
Address
Range


Similar Part No. - S29GL032M

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032M SPANSION-S29GL032M Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10BAIR00 SPANSION-S29GL032M10BAIR00 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10BAIR02 SPANSION-S29GL032M10BAIR02 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10BAIR03 SPANSION-S29GL032M10BAIR03 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10BAIR10 SPANSION-S29GL032M10BAIR10 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
More results

Similar Description - S29GL032M

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com