Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOMC6-8X3A1 Datasheet(PDF) 2 Page - ITT Industries

Part # FOMC6-8X3A1
Description  Fiber Optic Multi-Channel Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FOMC6-8X3A1 Datasheet(HTML) 2 Page - ITT Industries

  FOMC6-8X3A1 Datasheet HTML 1Page - ITT Industries FOMC6-8X3A1 Datasheet HTML 2Page - ITT Industries FOMC6-8X3A1 Datasheet HTML 3Page - ITT Industries FOMC6-8X3A1 Datasheet HTML 4Page - ITT Industries FOMC6-8X3A1 Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.ittcannon.com
300
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Multi-Channel Connectors
FOMC
How to Order
2 and 4 Channel
SERIES
Fiber Optic Multi-Channel
2 - Square Flange Receptcale
(2/4) channel only)
6 - Cable Plug
7 - Jam Nut Receptacle
(Maximum number of contact positions)
2
4
8
W - Connector supplied with dust cap
X - Without dust cap
1 - Pigtail buffered fiber (receptacle only)
2 - Multi fiber strengthened cable
3 - Singel fiber strengthned cables (8 channel
only)
A - .190 +_.015 (4.83 +_.38)
D - .236 +_.019 (6.0 +_.5)
F - .276 +_.015 (7.0 +_.4)
G - .374 +_.015 (9.50 +_.38)*
H - .500 +_.015 (12.70 +_.38)*
P - Pigtail buffered fiber
(8 channel plug only. Omit for 2/4 channel)
0 - Not polarized
1 thru 6 - key position
Consult factory
*NOTE: Cable size G and H are for 8 channel FOMC Connector
only
SERIES
FOMC
6-
2
W
2
C
*
* * *
SHELL STYLE
SHELL SIZE
DUST CAP
CABLE TYPE
CABLE SIZE (O.D)
CABLE SIZE (O.D)
POLARIZATION POSITION
POLARIZATION
MODIFICATION CODES
MODIFICATION CODES
SHELL STYLE
SHELL SIZE (Channels)
DUST CAP
Square Flange
Receptacle
FOMC 2
1.480
(37.60)
1.064 (BSC
.(27.03)
1.064 (BSC
(27.03)
1.395
(35.43)
1.175 Dia.
(29.845)
3.700 (93.98)
Shell
Front Removable insert
1.395
(35.43)
1.505 Dia
(38.23)
Front Removable Insert
Jam Nut
.150 (3.81) Max. Panel
.764
(19.41)
.130
(3.30)
.945 Dia.
(24.00)
Shell
1.150
(29.21)
Yoke Tabs
Rear Removable Yoke
(Optical Contact Retainer)
1.395
(35.43)
3.700
(93.98)
.130
(3.30)
.150 (3.81) Max. Panel
2.40
(60.96)
1.4
40
(3
6.5
8)
Connector Identification
And Mating Instructions
2.40
(60.96)
End Nut
Cable Strain
Relief
.130
(3.30)
3.700 (93.98)
Millimeters are in parenthesis
2.40
(60.96)
.150 (3.81) Max. Panel
1.480 (37.60)
.128
(3.25) Dia.
4 Holes
Ø .013
Plug
FOMC 6
Jam Nut Receptacle
FOMC 7
CABLE TYPE


Similar Description - FOMC6-8X3A1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
Hirose Electric
HMUA-2P2-H1 HIROSE-HMUA-2P2-H1 Datasheet
818Kb / 8P
   MU Type Fiber Optic Connectors
HRFC-P8-H2 HIROSE-HRFC-P8-H2 Datasheet
340Kb / 8P
   FC Type Fiber Optic Connectors
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
   SC Type Fiber Optic Connectors
HSC HIROSE-HSC Datasheet
759Kb / 21P
   SC Type Fiber Optic Connectors
logo
SOURIAU-SUNBANK Connect...
ARINC801 SOURIAU-ARINC801 Datasheet
2Mb / 6P
   ARINC 801 Fiber Optic Connectors
logo
Hirose Electric
MF14B-WRF01-0200 HIROSE-MF14B-WRF01-0200 Datasheet
356Kb / 9P
   Harsh Environment Fiber Optic Connectors
HRFC HIROSE-HRFC Datasheet
310Kb / 7P
   FC Type Fiber Optic Connectors
HMU HIROSE-HMU Datasheet
787Kb / 22P
   MU Type Fiber Optic Connectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com