Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC137A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC137A
Description  3-LINE TO 8-LINE DECODER/DEMULTIPLEXER WITH ADDRESS LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC137A Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC137A Datasheet HTML 1Page - Texas Instruments SN74LVC137A Datasheet HTML 2Page - Texas Instruments SN74LVC137A Datasheet HTML 3Page - Texas Instruments SN74LVC137A Datasheet HTML 4Page - Texas Instruments SN74LVC137A Datasheet HTML 5Page - Texas Instruments SN74LVC137A Datasheet HTML 6Page - Texas Instruments SN74LVC137A Datasheet HTML 7Page - Texas Instruments SN74LVC137A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A
B
C
G2A
G2B
G1
Y7
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
D, DB, OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
SN74LVC137A
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
WITH ADDRESS LATCHES
SCAS340E – MARCH 1994 – REVISED FEBRUARY 2005
EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
Inputs Accept Voltages to 5.5 V
Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline (DB),
and Thin Shrink Small-Outline (PW) Packages
This 3-line to 8-line decoder/demultiplexer, with latches on three address inputs, is designed for 1.65-V to 3.6-V
VCC operation.
The SN74LVC137A is designed for high-performance memory-decoding or data-routing applications requiring
very short propagation delay times. In high-performance memory systems, this decoder can be used to minimize
the effects of system decoding. When employed with high-speed memories utilizing a fast enable circuit, the
delay times of this decoder and the enable time of the memory usually are less than the typical access time of
the memory. This means that the effective system delay introduced by the decoder is negligible.
When the latch-enable (G2A) input is low, the SN74LVC137A acts as a decoder/demultiplexer. When G2A
transitions from low to high, the address present at the inputs (A, B, and C) is stored in the latches. Further
address changes are ignored, provided G2A remains high. The output-enable (G1 and G2B) inputs control the
outputs independently of the select or latch-enable inputs. All of the outputs are forced high if G1 is low or G2B is
high.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of these devices as translators
in a mixed 3.3-V/5-V system environment.
The SN74LVC137A is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
LATCH
OUTPUT
SELECT
ENABLE
ENABLE
G2A
G1
G2B
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
H
X
X
X
H
H
H
H
H
H
H
H
X
L
X
X
X
X
H
H
H
H
H
H
H
H
L
H
L
L
L
L
L
H
H
H
H
H
H
H
L
H
L
L
L
H
H
L
H
H
H
H
H
H
L
H
L
L
H
L
H
H
L
H
H
H
H
H
L
H
L
L
H
H
H
H
H
L
H
H
H
H
L
H
L
H
L
L
H
H
H
H
L
H
H
H
L
H
L
H
L
H
H
H
H
H
H
L
H
H
L
H
L
H
H
L
H
H
H
H
H
H
L
H
L
H
L
H
H
H
H
H
H
H
H
H
H
L
H
H
L
X
X
X
Outputs corresponding to stored address = L; all other outputs = H
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments.
PRODUCT PREVIEW information concerns products in the forma-
Copyright © 1994–2005, Texas Instruments Incorporated
tive or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the
right to change or discontinue these products without notice.


Similar Part No. - SN74LVC137A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC138 TI-SN74LVC138 Datasheet
144Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LVC138A TI-SN74LVC138A Datasheet
144Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LVC138A TI-SN74LVC138A Datasheet
948Kb / 24P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LVC138A TI-SN74LVC138A Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74LVC138A TI-SN74LVC138A Datasheet
1Mb / 29P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74LVC137A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
   3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
logo
NXP Semiconductors
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237 Datasheet
68Kb / 9P
   3-to-8 line decoder/demultiplexer with address latches
December 1990
74HC237N PHILIPS-74HC237N Datasheet
104Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC237-Q100 NEXPERIA-74HC237-Q100 Datasheet
792Kb / 16P
   3-to-8 line decoder, demultiplexer with address latches
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
   3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
   3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com