Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ317 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PJ317
Description  3-Terminal Adjustable Output Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ317 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PJ317 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ317 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PJ317
3-Terminal Adjustable Output Positive Voltage Regulator
1-11
2002/10.rev.A
he PJ317 is adjustable 3-terminal positive voltage
regulator capable of supplying in excess of 1.5 A
over an output voltage range of 1.25 V to 37 V. This voltage
regulator is exceptionally easy to use and require only two
external resistors to set the output voltage. Further,
it
employs internal current limiting, thermal shutdown and
safe area compensation, making it essentially blow-out
proof.
Output Current in Excess of 1.5 Ampere
Output Adjustable between 1.25 V and 37 V
Internal Thermal Overload Protection
Internal Short-Circuit Current Limiting
Constant with Temperature
Output Transistor Safe-Area Compensation
Floating Operation for High Voltage Applications
Standard 3-lead Transistor Packages
Eliminates Stocking Many Fixed Voltages
T
FEATURES
CIRCUIT SCHEMATIC
* = Cin is required if regulator is located an appreciable distance from power supply filter.
** = Co is not needed for stability, however it does improve transient response.
Vout = 1.25 V (1 + R2 / R1 ) + IAdj R2
Since IAdj is controlled to less than 100 µA, the error associated with this term is negligible in most applications
STANDARD APPLICATION
Pin 1. Vin
5. Nc
2. Vout
6. Vout
3. Vout
7. Vout
4. Adjust
8. Nc
TO-220 / TO-263 / TO-
92/ TO-252 / SOT-223
Pin 1. Adjust
2. Vout
3. Vin
Heatsink surface
connected to Pin2
TO-220
TO-92
TO-252
SOT-223
SOP-8
ORDERING INFORMATION
Device
Operating
Temperature
Package
Design
Load
Current
PJ317CZ
TO-220
1.5A
PJ317CM
TO-263
1.5A
PJ317CT
TO-92
0.1A
PJ317CP
TO-252
0.5A
PJ317CW
SOT-223
1A
PJ317CS
-20℃ to 85℃
SOP-8
0.3A
TO-263


Similar Part No. - PJ317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
PJ31002CD ETC1-PJ31002CD Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
PJ31002CS ETC1-PJ31002CS Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
More results

Similar Description - PJ317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
TS317 TSC-TS317 Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL317L BELLING-BL317L Datasheet
426Kb / 6P
   3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com