Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTDRRI-125-150M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMTDRRI-125-150M
Description  SMD POWER INDUCTORS -Type SMTDRRI (1.2 ~ 1000)uH-
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMTDRRI-125-150M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMTDRRI-125-150M Datasheet HTML 1Page - List of Unclassifed Manufacturers SMTDRRI-125-150M Datasheet HTML 2Page - List of Unclassifed Manufacturers SMTDRRI-125-150M Datasheet HTML 3Page - List of Unclassifed Manufacturers SMTDRRI-125-150M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD POWER INDUCTORS (2 of 4)
220-008-00 July 4th 2002
003
G ISTER
UKAS
QUALITY
MANAGEMENT
003
G ISTER
UKAS
ENVIRONMENTAL
MANAGEMENT
ISO9001: 2000
RS13124
ISO14001: 1996
EMS53965
© 2002 Total Frequency Control Ltd., Mill Lane, Storrington, West Sussex, RH20 4NF, UK
Telephone: +44 (0)1903 740000, Fax: +44 (0)1903 742208,
e-mail: sales@tfc.co.uk, url: www.tfc.co.uk
Type SMTDRRI-124
rated d.c.
Inductance
Test frequency
d.c. resistance
current
PART NUMBER
(µH)
(kHz)
(Ω) max.
(A)
SMTDRRI - 124 - 3R9M
3.9
100
0.015
6.5
SMTDRRI - 124 - 4R7M
4.7
100
0.018
5.7
SMTDRRI - 124 - 6R8M
6.8
100
0.023
4.9
SMTDRRI - 124 - 100M
10
100
0.028
4.5
SMTDRRI - 124 - 120M
12
100
0.038
4.0
SMTDRRI - 124 - 150M
15
100
0.050
3.2
SMTDRRI - 124 - 180M
18
100
0.057
3.1
SMTDRRI - 124 - 220M
22
100
0.066
2.9
SMTDRRI - 124 - 270M
27
100
0.080
2.8
SMTDRRI - 124 - 330M
33
100
0.097
2.7
SMTDRRI - 124 - 390M
39
100
0.132
2.1
SMTDRRI - 124 - 470M
47
100
0.150
1.9
SMTDRRI - 124 - 560M
56
100
0.190
1.8
SMTDRRI - 124 - 680M
68
100
0.220
1.5
SMTDRRI - 124 - 820M
82
100
0.260
1.3
SMTDRRI - 124 - 101M
100
100
0.308
1.2
SMTDRRI - 124 - 121M
120
100
0.380
1.1
SMTDRRI - 124 - 151M
150
100
0.530
0.95
SMTDRRI - 124 - 181M
180
100
0.620
0.85
SMTDRRI - 124 - 221M
220
100
0.700
0.8
SMTDRRI - 124 - 271M
270
100
0.876
0.6
SMTDRRI - 124 - 331M
330
100
0.990
0.5


Similar Part No. - SMTDRRI-125-150M

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-08 SEMPO-SMTD-100H-08 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-12 SEMPO-SMTD-100H-12 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-14 SEMPO-SMTD-100H-14 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-16 SEMPO-SMTD-100H-16 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
More results

Similar Description - SMTDRRI-125-150M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478 EPCOS-B82478 Datasheet
308Kb / 3P
   SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH)
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com