Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTDRRI-125-150M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMTDRRI-125-150M
Description  SMD POWER INDUCTORS -Type SMTDRRI (1.2 ~ 1000)uH-
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMTDRRI-125-150M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMTDRRI-125-150M Datasheet HTML 1Page - List of Unclassifed Manufacturers SMTDRRI-125-150M Datasheet HTML 2Page - List of Unclassifed Manufacturers SMTDRRI-125-150M Datasheet HTML 3Page - List of Unclassifed Manufacturers SMTDRRI-125-150M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Connections viewed
from bottom.
Connections are tinned.
Suitable for reflow
or wave soldering
Suggested land pattern
12.00
A
5.00
5.40
© 2002 Total Frequency Control Ltd., Mill Lane, Storrington, West Sussex, RH20 4NF, UK
Telephone: +44 (0)1903 740000, Fax: +44 (0)1903 742208,
e-mail: sales@tfc.co.uk, url: www.tfc.co.uk
SMD POWER INDUCTORS (1 of 4)
220-008-00 July 4th 2002
Type SMTDRRI
(1.2 ~ 1000)µH
# High power
# High saturation
# Shielded
# 24mm tape and reel
# Reflow or wave soldering
# Portable communication equipment
# d.c. ~ d.c. converters
003
G ISTER
UKAS
QUALITY
MANAGEMENT
003
G ISTER
UKAS
ENVIRONMENTAL
MANAGEMENT
ISO9001: 2000
RS13124
ISO14001: 1996
EMS53965
Ordering information
TFC PART NUMBER .... SMT DRRI-124 560 M
‘SMT’ .... type: SMT = shielded surface mount power inductor
‘DRRI-124’ .... core size: DRRI-124 = height 4.5mm
‘560’ .... inductance value code: 560 = 56µH, inductance range (1.2 ~ 1000)µH
‘K’ .... tolerance: J = 5%, K = 10%, M = 20%
Core size
Inductance range
DRRI-124
(4.7 ~ 330)µH
DRRI-125
(1.3 ~ 1000)µH
DRRI-127
(1.2 ~ 47)µH
Electrical specification
Case sizes
shielded: DRRI-124
DRRI-125, DRRI-127
Inductance range
(1.2 ~ 1000)µH
Current rating
Based on self heating
temperature rise
by +20°C max.
Operating temperature
(-30 ~ 80)ºC
Terminal strength
2kg, 10 secs. max.
Test equipment
inductance:
HP4285A at 7.96KHz
LCR meter at 1kHz
d.c. resistance:
milli ohm meter
self resonant frequency:
H9461 srf meter
Dimensions(mm)
Case height(mm)
A
SMTDRRI-124
4.5 max
SMTDRRI-125
6.0 max
SMTDRRI-127
8.0 max


Similar Part No. - SMTDRRI-125-150M

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-08 SEMPO-SMTD-100H-08 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-12 SEMPO-SMTD-100H-12 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-14 SEMPO-SMTD-100H-14 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-16 SEMPO-SMTD-100H-16 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
More results

Similar Description - SMTDRRI-125-150M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478 EPCOS-B82478 Datasheet
308Kb / 3P
   SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH)
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com