Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMTDRRI-125-3R1N Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMTDRRI-125-3R1N
Description  SMD POWER INDUCTORS -Type SMTDRRI (1.2 ~ 1000)uH-
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMTDRRI-125-3R1N Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMTDRRI-125-3R1N Datasheet HTML 1Page - List of Unclassifed Manufacturers SMTDRRI-125-3R1N Datasheet HTML 2Page - List of Unclassifed Manufacturers SMTDRRI-125-3R1N Datasheet HTML 3Page - List of Unclassifed Manufacturers SMTDRRI-125-3R1N Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD POWER INDUCTORS (4 of 4)
220-008-00 July 4th 2002
003
G ISTER
UKAS
QUALITY
MANAGEMENT
003
G ISTER
UKAS
ENVIRONMENTAL
MANAGEMENT
ISO9001: 2000
RS13124
ISO14001: 1996
EMS53965
© 2002 Total Frequency Control Ltd., Mill Lane, Storrington, West Sussex, RH20 4NF, UK
Telephone: +44 (0)1903 740000, Fax: +44 (0)1903 742208,
e-mail: sales@tfc.co.uk, url: www.tfc.co.uk
Type SMTDRRI-127
rated d.c.
Inductance
Test frequency
d.c. resistance
current
PART NUMBER
(µH)
(kHz)
(Ω) max.
(A)
SMTDRRI - 127 - 1R2N
1.2
100
7.0
9.80
SMTDRRI - 127 - 2R4N
2.4
100
11.5
8.00
SMTDRRI - 127 - 3R5N
3.5
100
13.5
7.50
SMTDRRI - 127 - 4R7N
4.7
100
15.8
6.80
SMTDRRI - 127 - 6R1N
6.1
100
17.6
6.60
SMTDRRI - 127 - 7R6N
7.6
100
20.0
5.90
SMTDRRI - 127 - 100M
10
1
21.6
5.40
SMTDRRI - 127 - 120M
12
1
24.3
4.90
SMTDRRI - 127 - 150M
15
1
27.0
4.50
SMTDRRI - 127 - 180M
18
1
39.2
3.90
SMTDRRI - 127 - 220M
22
1
43.2
3.60
SMTDRRI - 127 - 270M
27
1
45.9
3.40
SMTDRRI - 127 - 330M
33
1
64.8
3.00
SMTDRRI - 127 - 390M
39
1
72.9
2.75
SMTDRRI - 127 - 470M
47
1
100.0
2.50


Similar Part No. - SMTDRRI-125-3R1N

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-08 SEMPO-SMTD-100H-08 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-12 SEMPO-SMTD-100H-12 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-14 SEMPO-SMTD-100H-14 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
SMTD-100H-16 SEMPO-SMTD-100H-16 Datasheet
43Kb / 1P
   THYRISTOR-DIODE MODULE
More results

Similar Description - SMTDRRI-125-3R1N

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82478 EPCOS-B82478 Datasheet
308Kb / 3P
   SMT-Power-Inductors (Rated inductance 10 uH .. 1000 uH)
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com