Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T105L1HZKE Datasheet(PDF) 3 Page - ITT Industries

Part # T105L1HZKE
Description  Subminiature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T105L1HZKE Datasheet(HTML) 3 Page - ITT Industries

  T105L1HZKE Datasheet HTML 1Page - ITT Industries T105L1HZKE Datasheet HTML 2Page - ITT Industries T105L1HZKE Datasheet HTML 3Page - ITT Industries T105L1HZKE Datasheet HTML 4Page - ITT Industries T105L1HZKE Datasheet HTML 5Page - ITT Industries T105L1HZKE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
G–39
G
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series
Subminiature Toggle Switches
ACTUATOR
BUSHING
2
Locking Positions
–01 & –02 Models
2 Position lock
–03 & –11 Models
3 Position lock
–08 Models
1 Position lock
2
2
1
H
.220" HIGH THREADED, FLAT
Y
.220" HIGH THREADED, KEYWAY
T
.310" HIGH THREADED, FLAT
H9
.220" HIGH UNTHREADED, FLAT
Y9
.220" HIGH UNTHREADED, KEYWAY
T9
.310" HIGH UNTHREADED, FLAT
L1
.620" HIGH
K
LOCKING LEVER
P3
ANTI-ROTATION, FLATTED,
.450" HIGH
S
.370" HIGH
M1
.220" HIGH
(with “T” bushing)
S1
.410" HIGH
(with “T” bushing)
Available with T & T9 bushings only.
Dress nut part number 709901201
supplied standard with threaded bushing.
1 Actuator shown with standard H bushing.
Subtract .040 (1,02) for TD and D9 bushings,
subtract .090 (2,29) for T, T9, TK, K9 &
CF bushings.
2 Actuators shown with T, T9, TK & CF bushings,
add .050 (1,27) for TD and D9 bushings,
add .090 (2,29) for H, H9, Y & Y9 bushings.
All actuators have chrome finish (except K).
Not available with CF bushing option.
Bushing option code not required. Not available with TX05 & TX07 models.
K actuators have natural aluminum finish.
Keyway on right side. To prevent accidental actuation, toggles
must be lifted before being actuated. When released, toggles
again lock in place. Overtightening mounting nut may cause
actuator to bind.
H standard with C, W & Z terminations.
H9 standard with A, AV & V3 terminations.
Standard with Z, C or W terminations.


Similar Part No. - T105L1HZKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T105 CK-COMPONENTS-T105 Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
Inchange Semiconductor ...
T1050-8G ISC-T1050-8G Datasheet
227Kb / 2P
   isc Thyristors
logo
STMicroelectronics
T1050-8G STMICROELECTRONICS-T1050-8G Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
T1050-8G STMICROELECTRONICS-T1050-8G Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
T1050-8G-TR STMICROELECTRONICS-T1050-8G-TR Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
More results

Similar Description - T105L1HZKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com