Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS512PC0HF3HV3 Datasheet(PDF) 8 Page - SPANSION

Part # S71WS512PC0HF3HV3
Description  1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512PC0HF3HV3 Datasheet(HTML) 8 Page - SPANSION

Back Button S71WS512PC0HF3HV3 Datasheet HTML 2Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 3Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 4Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 5Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 6Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 7Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 8Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 9Page - SPANSION S71WS512PC0HF3HV3 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
6
S71WS-P based MCP Products
S71WS-P_00_A2 August 21, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
4.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Packing Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading S and packing type designator from ordering part number.
K
A
11x11 mm
112
0.45 mm
B
11x11 mm
112
0.50 mm
D
12x12 mm
128
0.45 mm
F
12x12 mm
128
0.50 mm
G
14x14 mm
152
0.45 mm
H
14x14 mm
152
0.50 mm
J
15x15 mm
160
0.45 mm
K
15x15 mm
160
0.50 mm
L
17x17 mm
192
0.45 mm
M
17x17 mm
192
0.50 mm
Table 4.1 Character Position Descriptions (Sheet 2 of 2)
Character 12
Character 14
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
S71WS-P Valid Combinations
NOR Flash
Speed (MHz)
CellularRAM
Speed (MHz)
CellularRAM
Supplier
Package Type
Package
Markings
Device
Package &
Material Set
Package
Descriptor
Model
Number
Packing Type
S71WS512PD0
HF
3
HL
0, 2, 3 (Note 1)
108
104
Type 2
8 x 11.6 mm
(Note 2)
HR
80
S71WS512PC0
SV
66


Similar Part No. - S71WS512PC0HF3HV3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512P SPANSION-S71WS512P Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
S71WS512PD0HFFLW0 SPANSION-S71WS512PD0HFFLW0 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0HFFLW2 SPANSION-S71WS512PD0HFFLW2 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0HFFLW3 SPANSION-S71WS512PD0HFFLW3 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0JFFLW0 SPANSION-S71WS512PD0JFFLW0 Datasheet
463Kb / 15P
   based MCP/POP Products
More results

Similar Description - S71WS512PC0HF3HV3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com