Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8PE-J96024CD Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S8PE-J96024CD
Description  Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8PE-J96024CD Datasheet(HTML) 6 Page - Omron Electronics LLC

  S8PE-J96024CD Datasheet HTML 1Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 2Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 3Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 4Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 5Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 6Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 7Page - Omron Electronics LLC S8PE-J96024CD Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
L-104
Three phase input switch mode Power Supply
S8PE
S8PE-F48024C (20 A)
S8PE-F48024CD/J48024CD (20 A)
S8PE-F96024C/J96024C (40 A)
x
AC INPUT L1
}
Output Voltage adjustment trimmer V.ADJ
y
AC INPUT L2
~
DC OUTPUT -V
z
AC INPUT L3

DC OUTPUT +V
{
Protective Earth (P.E.)
€
35 mm DIN-rail attachment for S8PE-
F48024CD/J48024CD type only
|
DC OUTPUT indicator

Fixing bracket for S8PE-F48024C type only
side view
side view
front view
top view
bottom view
top view
bottom view
front view
side view


Similar Part No. - S8PE-J96024CD

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
S8P2743W SONIX-S8P2743W Datasheet
3Mb / 136P
   ADC, OP-amp, Comparator 8-Bit Micro-Controller
More results

Similar Description - S8PE-J96024CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VT OMRON-S8VT Datasheet
1Mb / 9P
   Three-phase Input Switch Mode Power Supply
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240_11 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com