Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8PE-J96024C Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # S8PE-J96024C
Description  Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8PE-J96024C Datasheet(HTML) 8 Page - Omron Electronics LLC

  S8PE-J96024C Datasheet HTML 1Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 2Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 3Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 4Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 5Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 6Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 7Page - Omron Electronics LLC S8PE-J96024C Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
L-106
Three phase input switch mode Power Supply
S8PE
Safety Precautions
I Safety Signal words
This document uses the following signal words to mark safety precautions for the S8PE. These precautions pro vide important information for the
safe application of the product. You must be sure to follow the instructions pro vided with safety signal words.
!WARNING
Be sure to connect the grounding line Not doing so may result in
electric shock.
!Caution
Do not attempt to disassemble the Power Supply or touch its inter-
nal parts while power is being supplied. Doing so may result in
electric shock.
!Caution
Do not touch the S8PE while the power is being supplied or imme-
diately after the power is turned OFF. Otherwise hot Switching
Power Supply.
Indicates information that, if ignored, could possibly result in loss of life or seriously injury.
!WARNING
Indicates information that, if ignored, could result in relatively serious or minor injury, damage to the product, or faulty
operation.
!Caution
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. M044-E1-04


Similar Part No. - S8PE-J96024C

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
S8P2743W SONIX-S8P2743W Datasheet
3Mb / 136P
   ADC, OP-amp, Comparator 8-Bit Micro-Controller
More results

Similar Description - S8PE-J96024C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VT OMRON-S8VT Datasheet
1Mb / 9P
   Three-phase Input Switch Mode Power Supply
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240_11 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com