Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8PE Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S8PE
Description  Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8PE Datasheet(HTML) 2 Page - Omron Electronics LLC

  S8PE Datasheet HTML 1Page - Omron Electronics LLC S8PE Datasheet HTML 2Page - Omron Electronics LLC S8PE Datasheet HTML 3Page - Omron Electronics LLC S8PE Datasheet HTML 4Page - Omron Electronics LLC S8PE Datasheet HTML 5Page - Omron Electronics LLC S8PE Datasheet HTML 6Page - Omron Electronics LLC S8PE Datasheet HTML 7Page - Omron Electronics LLC S8PE Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L-100
Three phase input switch mode Power Supply
S8PE
Specifications
Note 1. Measured at 25 °C, and cold start condition. (F: Vin = 480 VAC, J: Vin = 230 VAC, duration < 500
µs)
2. For UL and CSA, -10
5 to 50 °C (de-rating: 2%/°C for 40-50 °C only for 40 A model).
3. Under the ambient temperature of 40
°C, and a load rate of 50%.
4. Over voltage protection is provided for 5A, 10A and 20A models.
For 40A model, no overvoltage protection is provided.
Item
Nominal Input Voltage
F: 400...480 VAC
J: 200...230 VAC
Nominal Output Current
5 A
10 A20 A40 A
5 A
10 A20 A40 A
Efficiency
(typical)
(Vin = 400 VAC, Pmax)
(Vin = 480 VAC, Pmax)
(Vin = 230 VAC, Pmax)
85%
84%
88%
88%
87%
87%
90%
90%
86%
88%
89%
91%
Input
Voltage range
340...766 VAC
180..264 VAC
Frequency
50/60 Hz
Current (max.)
(Vin = Range min., Pmax)
0.5 A
1.0 A
1.5 A
2.5 A
1.0 A
2.0 A
3.0 A
5.0 A
Power factor (typical)
(Vin = 400 VAC, Pmax)
(Vin = 480 VAC, Pmax)
(Vin = 230 VAC, Pmax)
0.58
0.52
0.64
0.59
0.89
0.84
0.89
0.84
0.55
0.55
0.9
0.89
Leakage current (max.)
(Vin = 400 VAC, Pmax)
(Vin = 480 VAC, Pmax)
(Vin = 230 VAC, Pmax)
0.4 mA
0.5 mA
0.9 mA
1.1 mA
1.3 mA
1.6 mA
0.7 mA
0.9 mA
0.3 mA
0.4 mA
0.7 mA
1.4 mA
Inrush current (max.)
(Pmax) (Note 1)
30 A30 A40 A50 A35 A35 A75 A75 A
Output
Voltage adjustment range
22.5..26.4 VDC min.
Tolerance adjustment accuracy
± 0.5%
Ripple & noise (Pmax.)
200 mV max.
Load variation influence
± 2% max.
Input variation influence
± 0.5% max.
Temperature variation influence
± 0.01%/°C
Startup time (max.)
1.7 s
1.5 s
1.0 s
0.1 s
0.9 s
1.0 s
1.3 s
0.1 s
Hold time (min.)
(Vin = 200 VAC, Pmax)
(Vin = 400 VAC, Pmax)
(Vin = 480 VAC, Pmax)
(Vin = 230 VAC, Pmax)
21 ms
25 ms
17 ms
26 ms
11 ms
24 ms
14 ms
26 ms
10 ms
20 ms
4 ms
10 ms
4 ms
8 ms
5 ms
13 ms
Protection
- Short circuit protection with automatic reset
- Over load protection
- Over voltage protection (Note 4)
Parallel operation
Yes (for two units)
Serial operation
Yes (for two units)
Indicator
Yes (Green LED)
Others
Heat radiation
Natural air cooling
Ambient temperature (Note 2)
-10..60 °C (de-rating: 2%/°C for 50..60 °C)
Storage temperature
-25..85 °C
Ambient humidity
25..85%
Dielectric strength
500 VAC 50/60 Hz (Output - P.E.)
Comply to EN60950 F: 2.5 kVAC 50/60 Hz (Input - P.E.)
J: 1.5 kVAC 50/60 Hz (Input - P.E.)
Insulation resistance
500 M
Ω min. at 500 VDC: P.E. - Output
EMC
EN55022 class A, EN55011 class A, EN50081-2
EN61000-6-2, EN61000-3-2 class A
Approved standards
IEC60950, EN60950, UL60950, CSA22.2-60950
UL508 (Listing), CSA22.2-14, EN50178, EN60204-1
Life expectancy (Note 3)
10 years (typical)
Weight
750 g
1.0 kg
2.65 kg
4.75 kg
750 g
1.0 kg
2.65 kg
4.75 kg


Similar Part No. - S8PE

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
S8P2743W SONIX-S8P2743W Datasheet
3Mb / 136P
   ADC, OP-amp, Comparator 8-Bit Micro-Controller
More results

Similar Description - S8PE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VT OMRON-S8VT Datasheet
1Mb / 9P
   Three-phase Input Switch Mode Power Supply
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240_11 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com