Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QR0001 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # QR0001
Description  QuickRing Data Stream Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

QR0001 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button QR0001 Datasheet HTML 24Page - National Semiconductor (TI) QR0001 Datasheet HTML 25Page - National Semiconductor (TI) QR0001 Datasheet HTML 26Page - National Semiconductor (TI) QR0001 Datasheet HTML 27Page - National Semiconductor (TI) QR0001 Datasheet HTML 28Page - National Semiconductor (TI) QR0001 Datasheet HTML 29Page - National Semiconductor (TI) QR0001 Datasheet HTML 30Page - National Semiconductor (TI) QR0001 Datasheet HTML 31Page - National Semiconductor (TI) QR0001 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
110 Board Considerations (Continued)
286 ns The QuickRing UpPort needs 236 ns of this bit
width (including transitions) to successfully sample the val-
ue for each sub-symbol This allows for a total skew budget
of 05 ns The interconnect between DnPort and UpPort
should be limited to 350 ps This provides 150 ps skew mar-
gin The 350 ps can be divided between PCB traces con-
nectors headers cables and all other media used in the
signal path
The skew within a pair needs to be controlled because of
the EMI considerations The simultaneous and opposite
transitions on paths within a pair create equal and opposing
electromagnetic fields These EMF the source of EMI
serve to cancel each other thereby reducing EMI The skew
within a pair should be controlled so that the single ended
EMF remain temporally and spatially relevant for the cancel-
ing affect
The length of node interconnects is not critical to the opera-
tion of QuickRing until it degrades signal integrity Nodes in
a ring can have different length interconnects The maxi-
mum length of the interconnect depends on two qualities of
the interconnect transition time degradation and amplitude
antenuation Any extension in transition time due to the high
frequency filter affect of the interconnect takes away from
the skew budget The trade offs between the skew and tran-
sition time degradation must be balanced to allow for the
correct amount of sample time for the UpPort
The signal attenuation affects the differential signal ampli-
tude at the receiver input The receiver requires a differen-
tial voltage of at least 100 mV to guarantee a state The
receiver actually is more sensitive than that under typical
operating conditions but due to power supply and tempera-
ture variations and test limitations this is the data sheet
specification As long as the differential voltage is guaran-
teed to be at least 150 mV and all the skew budget specifi-
cations are met the receiver will operate correctly with ade-
quate noise margin
120 Power and Decoupling Issues
121 Power Issues
The QR0001 device internally has Four distinct Power re-
gions These regions are labeled (Refer to
Figure 123 )
1 Logic Power Pins
(VCC 451213 GND 31518192829)
2 Client Receive Port Output Power Pins
(VCC 67891011 GND 2021222324252627)
3 LVDS Power Pins
(VCC 13 GND 124567810111213141617)
4 PLL and Delay Element Power Pins
(VCC 2 GND 9)
It is currently recommended that the PC Board have sepa-
rate GND and VCC planes Also Power Region 2 should
have some additional isolation from the power plane Com-
plete isolation is not required The isolation aids in limiting
the Receive Port current spikes to the remaining plane Re-
fer to
Figure 121
122 Decoupling Issues
lt is currently recommended that capacitors be placed local-
ly on all four corners of the device to provide an even filter-
ing Capacitors should also be placed close to power region
2 to provide additional noise filtering Refer to
Figure 121
Two capacitors should be placed in parallel to get high and
low frequency filtering along each side However each ca-
pacitor should have a via directiy to the VCC and Ground
planes
For power region 4 (PLL and Delay Element Power Pin) two
decoupling capacitors should be placed as close to the pins
as possible (between VCC2 and GND9) A trace from the pin
directly to the capacitors is recommended and separate
vias to ground plane for each capacitor Refer to
Figure
121
TLF11928 – 28
FIGURE 121 QR0001 Power Region Isolation
28


Similar Part No. - QR0001

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
QR04AC117 ALPHAWIRE-QR04AC117 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
QR04AC117-TL356 ALPHAWIRE-QR04AC117-TL356 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
QR04AC117TL355 ALPHAWIRE-QR04AC117TL355 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
QR04AC117TL356 ALPHAWIRE-QR04AC117TL356 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
QR04AC117TL357 ALPHAWIRE-QR04AC117TL357 Datasheet
124Kb / 2P
   RJ45 Male to M12 Female Receptacle
More results

Similar Description - QR0001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA231.LBC.003 TAOGLAS-MA231.LBC.003_17 Datasheet
1Mb / 24P
   MA231 3in1 Stream 3M
logo
Toshiba Semiconductor
DT01ABAXXXV TOSHIBA-DT01ABAXXXV Datasheet
594Kb / 2P
   VIDEO STREAM HDD
logo
List of Unclassifed Man...
1104 ETC-1104 Datasheet
174Kb / 1P
   CAROL STREAM, ILLINOIS 60188
7/11/18
logo
Cherry Semiconductor Co...
G85-23100EU-2 CHERRY-G85-23100EU-2 Datasheet
108Kb / 2P
   eVolution STREAM XT Corded MultiMedia Keyboard
logo
Zarlink Semiconductor I...
WL102B ZARLINK-WL102B Datasheet
369Kb / 10P
   Wireless Data Controller
logo
Mitel Networks Corporat...
WL102B MITEL-WL102B Datasheet
138Kb / 9P
   Wireless Data Controller
logo
Silicon image
M2VD-2HL SILICONIMAGE-M2VD-2HL Datasheet
162Kb / 2P
   MPEG-2 Video Decoder for 1080p Single Stream or 1080i Dual Stream
logo
List of Unclassifed Man...
1155 ETC-1155 Datasheet
81Kb / 1P
   CAROL STREAM, ILLINOIS 60188
7/27/93
logo
Linkage Goston Electron...
SM7520 LINKAGE-SM7520 Datasheet
2Mb / 9P
   HIgh-ElectronIc LED Constant stream drive chip
logo
ATMEL Corporation
TSS461F ATMEL-TSS461F Datasheet
606Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com