Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS402-01XX Datasheet(PDF) 43 Page - Microchip Technology

Part # PS402-01XX
Description  Single Chip Battery Manager - Nickel Chemistries
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS402-01XX Datasheet(HTML) 43 Page - Microchip Technology

Back Button PS402-01XX Datasheet HTML 38Page - Microchip Technology PS402-01XX Datasheet HTML 39Page - Microchip Technology PS402-01XX Datasheet HTML 40Page - Microchip Technology PS402-01XX Datasheet HTML 41Page - Microchip Technology PS402-01XX Datasheet HTML 42Page - Microchip Technology PS402-01XX Datasheet HTML 43Page - Microchip Technology PS402-01XX Datasheet HTML 44Page - Microchip Technology PS402-01XX Datasheet HTML 45Page - Microchip Technology PS402-01XX Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2003 Microchip Technology Inc.
DS21766A-page 43
PS402-01XX
10.0
PACKAGING INFORMATION
28-Lead Plastic Shrink Small Outline (SS) – 209 mil, 5.30 mm (SSOP)
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-150
Drawing No. C04-073
10
5
0
10
5
0
Mold Draft Angle Bottom
10
5
0
10
5
0
α
Mold Draft Angle Top
0.38
0.32
0.25
.015
.013
.010
B
Lead Width
203.20
101.60
0.00
8
4
0
φ
Foot Angle
0.25
0.18
0.10
.010
.007
.004
c
Lead Thickness
0.94
0.75
0.56
.037
.030
.022
L
Foot Length
10.34
10.20
10.06
.407
.402
.396
D
Overall Length
5.38
5.25
5.11
.212
.207
.201
E1
Molded Package Width
8.10
7.85
7.59
.319
.309
.299
E
Overall Width
0.25
0.15
0.05
.010
.006
.002
A1
Standoff
§
1.83
1.73
1.63
.072
.068
.064
A2
Molded Package Thickness
1.98
1.85
1.73
.078
.073
.068
A
Overall Height
0.65
.026
p
Pitch
28
28
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS*
INCHES
Units
2
1
D
p
n
B
E1
E
L
β
c
φ
α
A2
A1
A
β
§ Significant Characteristic


Similar Part No. - PS402-01XX

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
PS4023 HUBBELL-PS4023 Datasheet
360Kb / 1P
   Rod, Anchor Extension, 1-1/4in X 3ft Tripleye
More results

Similar Description - PS402-01XX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS501 MICROCHIP-PS501_04 Datasheet
575Kb / 44P
   Single Chip Field Reprogrammable Battery Manager - Nickel Chemistries
2004
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Microchip Technology
PS501 MICROCHIP-PS501 Datasheet
583Kb / 42P
   Single Chip Field Reprogrammable Battery Manager
2004
logo
Maxim Integrated Produc...
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Microchip Technology
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
   Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
   Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
   Single-Chip, Li-Ion/Polymer Battery Charge Manager
logo
Microchip Technology
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
   PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
   Nickel Chemistry Battery Manager Module with LED SOC Display
2004
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com